Electronic Components Datasheet Search
  English  ▼

X  

MBR180S1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR180S1
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR180S1 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR180S1 Datasheet HTML 1Page - Diodes Incorporated MBR180S1 Datasheet HTML 2Page - Diodes Incorporated MBR180S1 Datasheet HTML 3Page - Diodes Incorporated MBR180S1 Datasheet HTML 4Page - Diodes Incorporated MBR180S1 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ADVANCED INFORMATION
MBR180S1
Document number: DS37775 Rev. 2 - 2
2 of 5
www.diodes.com
March 2016
© Diodes Incorporated
MBR180S1
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
80
V
RMS Reverse Voltage
VR(RMS)
56
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
24
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
275
°C/W
Typical Thermal Resistance Junction to Case (Note 5)
RθJC
95
°C/W
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)
80
—
—
V
IR = 1.0mA
Forward Voltage Drop
VF
—
—
0.74
0.59
0.80
—
V
IF = 1.0A, TA = +25°C
IF = 1.0A, TA = +125°C
Leakage Current (Note 6)
IR
—
—
0.6
400
5
—
µA
VR = 80V, TA = +25°C
VR = 80V, TA = +125°C
Total Capacitance
CT
—
20
—
pF
VR = 5V, f = 1.0MHz
Notes:
5. Device mounted on FR-4 substrate, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com