Electronic Components Datasheet Search
  English  ▼

X  

TLS115B0 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLS115B0
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLS115B0 Datasheet HTML 6Page - Infineon Technologies AG TLS115B0 Datasheet HTML 7Page - Infineon Technologies AG TLS115B0 Datasheet HTML 8Page - Infineon Technologies AG TLS115B0 Datasheet HTML 9Page - Infineon Technologies AG TLS115B0 Datasheet HTML 10Page - Infineon Technologies AG TLS115B0 Datasheet HTML 11Page - Infineon Technologies AG TLS115B0 Datasheet HTML 12Page - Infineon Technologies AG TLS115B0 Datasheet HTML 13Page - Infineon Technologies AG TLS115B0 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TLS115B0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
10
Rev. 1.00
2016-10-13
4
Block description and electrical characteristics
4.1
Tracking regulator
The regulator controls the output voltage VOUT by comparing it to the voltage applied to the ADJ pin and
driving a PNP pass transistor accordingly. The stability of the control loop depends on:
• the output capacitor COUT
•load current
• chip temperature
• the poles and zeroes in the frequency response of the circuit consisting of TLS115B0 and the load
An input capacitor CIN is strongly recommended for buffering the line influence.
To ensure stable operation, the output capacitor’s capacitance and its equivalent series resistance ESR
requirements given in the table “Functional range” on Page 8 must be maintained. For details see also the
typical performance graph “Output capacitor ESR(COUT) vs. output current IOUT” on Page 14. The output
capacitor must be sized suitably to buffer load transients.
Connect each capacitor close to the pins.
Protection circuitry prevents the TLS115B0 itself as well as the application from destruction in case of
catastrophic events. These safeguards contain:
• output current limitation
• reverse polarity protection
• thermal shutdown
In order to protect the pass element and the package from excessive power dissipation the TLS115B0 reduces
the maximum output current at high input voltage.
The TLS115B0 allows a negative supply voltage. However, in reverse polarity condition several low currents
flowing into the TLS115B0 increase junction temperature. Thermal design must consider this effect, because
in reverse polarity condition the overtemperature protection circuit does not operate.
The overtemperature protection circuit prevents immediate destruction of the TLS115B0 in certain fault
conditions (for example a permanent short circuit at output) by switching off the power stage. After the chip
cools down, the regulator restarts. If the fault is not removed, then this leads to an oscillatory behavior of the
output voltage. Please note, that a junction temperature above 150°C is outside the maximum ratings and
reduces the lifetime of the TLS115B0.
Table 5
Electrical characteristics tracking regulator
VIN = 13.5 V, 2.0 V ≤ VADJ ≤ 14 V, VEN ≥ 2.0 V, Tj = -40°C to +150°C, all voltages with respect to ground, positive
current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Tracking output
Output voltage tracking
accuracy
∆VOUT = VADJ - VOUT
∆VOUT
-5
–
5
mV
5.5 V ≤ VIN ≤ 22 V;
0.1 mA ≤ IOUT ≤
150 mA;
2 V ≤ VADJ ≤ VIN - 1 V
P_4.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com