Electronic Components Datasheet Search
  English  ▼

X  

TLS820D0 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLS820D0
Description  Low Dropout Linear Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820D0 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLS820D0 Datasheet HTML 20Page - Infineon Technologies AG TLS820D0 Datasheet HTML 21Page - Infineon Technologies AG TLS820D0 Datasheet HTML 22Page - Infineon Technologies AG TLS820D0 Datasheet HTML 23Page - Infineon Technologies AG TLS820D0 Datasheet HTML 24Page - Infineon Technologies AG TLS820D0 Datasheet HTML 25Page - Infineon Technologies AG TLS820D0 Datasheet HTML 26Page - Infineon Technologies AG TLS820D0 Datasheet HTML 27Page - Infineon Technologies AG TLS820D0 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Data Sheet
24
Rev. 1.0, 2016-02-08
TLS820D0
Block Description and Electrical Characteristics
Delay Input DT
Low Signal Valid
V
DT,L
–
–
0.80
V
P_5.7.30
Delay Input DT
Signal Slew Rate
d
V
DT/dt
1–
–
V/µs
V
DT,L <VDT < VDT,H
P_5.7.35
High Level Input Current
I
DT,H
––
3.5
µA
V
DT =3.3 V
P_5.7.32
Delay Input DT
internal pull-down resistor
R
DT
0.9
1.5
2.6
MΩ
P_5.7.33
1) Not subject to production test, specified by design.
2) Not subject to production test, specified by design.
Table 9
Electrical Characteristics Reset (cont’d)
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com