Electronic Components Datasheet Search
  English  ▼

X  

MAS9275C3SM06 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS9275C3SM06
Description  IC FOR 10.00 - 36.00 MHz VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9275C3SM06 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS9275C3SM06 Datasheet HTML 2Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 3Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 4Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 5Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 6Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 7Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 8Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 9Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DA9275.007
19 February 2004
10 (10)
ORDERING INFORMATION
Product Code
Product
Typical Vc-Sensitivity
(with 30 ppm/pF crystal)
Package
MAS9275A1TG00
IC FOR 2.8 V VCXO
Negative PD logic
> 100 ppm/V
EWS tested wafers 215 µm
MAS9275A1SM06
IC FOR 2.8 V VCXO
Negative PD logic
> 100 ppm/V
MSOP-8, T&R/5000 pcs/r.
MAS9275B2TG00
IC FOR 3.3 V VCXO
Negative PD logic
> 75 ppm/V
EWS tested wafers 215 µm
MAS9275B2SM06
IC FOR 3.3 V VCXO
Negative PD logic
> 75 ppm/V
MSOP-8, T&R/5000 pcs/r.
MAS9275B3TG00
IC FOR 5.0 V VCXO
Negative PD logic
> 60 ppm/V
EWS tested wafers 215 µm
MAS9275B3SM06
IC FOR 5.0 V VCXO
Negative PD logic
> 60 ppm/V
MSOP-8, T&R/5000 pcs/r.
MAS9275C2TG00
IC FOR 3.3 V VCXO
Positive PD logic
> 75 ppm/V
EWS tested wafers 215 µm
MAS9275C2SM06
IC FOR 3.3 V VCXO
Positive PD logic
> 75 ppm/V
MSOP-8, T&R/5000 pcs/r.
MAS9275C3TG00
IC FOR 5.0 V VCXO
Positive PD logic
> 60 ppm/V
EWS tested wafers 215 µm
MAS9275C3SM06
IC FOR 5.0 V VCXO
Positive PD logic
> 60 ppm/V
MSOP-8, T&R/5000 pcs/r.
MAS9275C4TG00
IC FOR 5.0 V VCXO
Positive PD logic
> 55 ppm/V
EWS tested wafers 215 µm
MAS9275C4SM06
IC FOR 5.0 V VCXO
Positive PD logic
> 55 ppm/V
MSOP-8, T&R/5000 pcs/r.
Contact Micro Analog Systems Oy for other wafer thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown
in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that
the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog
Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com