Electronic Components Datasheet Search
  English  ▼

X  

MBR1530CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1530CT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1530CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR1530CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1530CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR1530CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1530CT-MBR1560CT
SCHOTTKY BARRIER RECTIFIER
FEATURES
・ Schottky Barrier Chip
・ Guard Ring Die Construction for Transient Protection
・ Low Power Loss, High Efficiency
・ High Surge Capability
・ High Current Capability and Low Forward Voltage Drop
・ For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
1
2
2
3
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Characteristic
Symbol
MBR
1530CT
MBR
1535CT
MBR
1540CT
MBR
1545CT
MBR
1550CT
MBR
1560CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
PMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note
1)
@ T
C =105 ℃
IO
15
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage Drop
@ I
F =7.5A, T C =125 ℃  
                        @ I
F=7.5A, T C= 25℃
VFM
0.57
0.70
0.65
0.75
V
Peak Reverse Current
@ T
C = 25 ℃
at Rated DC Blocking Voltage
@ T
C =125 ℃
IRM
0.1
15
1.0
50
mA
Typical Junction Capacitance (Note 2)
Cj
300
pF
Operating and Storage Temperature Range
Tj,TSTG
-65
to
+150
℃
Notes: 1. Thermal resistance junction to case mounted heatsink.
2. Measured at 1.OMHz and applied reverse voltage of 4.0V D
1 2 3
TO—220
1.ANODE
2.CATHODE
3.ANODE
东莞市华远电子有限公
司
DONG GUAN SHI HUA YUAN ELECTRON CO.,LTD.
TEL
86-769-5335378
86-769-5305266
FEX
86-769-5316189
TO-220 Plastic-Encapsulate Transistors


Similar Part No. - MBR1530CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1530CT DIODES-MBR1530CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
Micro Commercial Compon...
MBR1530CT MCC-MBR1530CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBR1530CT VISHAY-MBR1530CT Datasheet
64Kb / 5P
15A Schottky Barrier Rectifier
24-Jun-98
logo
Diodes Incorporated
MBR1530CT DIODES-MBR1530CT Datasheet
67Kb / 3P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. 9 - 2
logo
Galaxy Semi-Conductor H...
MBR1530CT BILIN-MBR1530CT Datasheet
335Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR1530CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com