Electronic Components Datasheet Search
  English  ▼

X  

FSB50250AS Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB50250AS
Description  Motion SPM 5 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50250AS Datasheet(HTML) 3 Page - ON Semiconductor

  FSB50250AS Datasheet HTML 1Page - ON Semiconductor FSB50250AS Datasheet HTML 2Page - ON Semiconductor FSB50250AS Datasheet HTML 3Page - ON Semiconductor FSB50250AS Datasheet HTML 4Page - ON Semiconductor FSB50250AS Datasheet HTML 5Page - ON Semiconductor FSB50250AS Datasheet HTML 6Page - ON Semiconductor FSB50250AS Datasheet HTML 7Page - ON Semiconductor FSB50250AS Datasheet HTML 8Page - ON Semiconductor FSB50250AS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FSB50250AS Rev. C4
Absolute Maximum Ratings
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
Thermal Resistance
Total System
1st Notes:
1. For the measurement point of case temperature TC, please refer to Figure 4.
2. Marking “ * “ is calculation value or design factor.
Symbol
Parameter
Conditions
Rating
Unit
VDSS
Drain-Source Voltage of Each MOSFET
500
V
*ID 25
Each MOSFET Drain Current, Continuous TC = 25°C
1.2
A
*ID 80
Each MOSFET Drain Current, Continuous TC = 80°C
0.9
A
*IDP
Each MOSFET Drain Current, Peak
TC = 25°C, PW < 100 s
3.1
A
*IDRMS
Each MOSFET Drain Current, Rms
TC = 80°C, FPWM < 20 kHz
0.6
Arms
*PD
Maximum Power Dissipation
TC = 25°C, For Each MOSFET
13.4
W
Symbol
Parameter
Conditions
Rating
Unit
VCC
Control Supply Voltage
Applied between VCC and COM
20
V
VBS
High-side Bias Voltage
Applied between VB and VS
20
V
VIN
Input Signal Voltage
Applied between VIN and COM
-0.3 ~ VCC + 0.3
V
Symbol
Parameter
Conditions
Rating
Unit
VRRMB
Maximum Repetitive Reverse Voltage
500
V
* IFB
Forward Current
TC = 25°C
0.5
A
* IFPB
Forward Current (Peak)
TC = 25°C, Under 1ms Pulse Width
1.5
A
Symbol
Parameter
Conditions
Rating
Unit
RJC
Junction to Case Thermal Resistance
Each MOSFET under Inverter Oper-
ating Condition (1st Note 1)
9.3
°C/W
Symbol
Parameter
Conditions
Rating
Unit
TJ
Operating Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, 1 Minute, Con-
nect Pins to Heat Sink Plate
1500
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com