Electronic Components Datasheet Search
  English  ▼

X  

FSB50450AT Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB50450AT
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50450AT Datasheet(HTML) 2 Page - ON Semiconductor

  FSB50450AT Datasheet HTML 1Page - ON Semiconductor FSB50450AT Datasheet HTML 2Page - ON Semiconductor FSB50450AT Datasheet HTML 3Page - ON Semiconductor FSB50450AT Datasheet HTML 4Page - ON Semiconductor FSB50450AT Datasheet HTML 5Page - ON Semiconductor FSB50450AT Datasheet HTML 6Page - ON Semiconductor FSB50450AT Datasheet HTML 7Page - ON Semiconductor FSB50450AT Datasheet HTML 8Page - ON Semiconductor FSB50450AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
July 2016
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB50450A / FSB50450AS / FSB50450AT Rev. 1.7
FSB50450A / FSB50450AS / FSB50450AT
Motion SPM® 5 Series
Features
•
UL Certified No. E209204 (UL1557)
•
500 V RDS(on) = 2.4 Max FRFET MOSFET 3-Phase
Inverter with Gate Drivers and Protection
•
Built-In Bootstrap Diodes Simplify PCB Layout
•
Separate Open-Source Pinsfrom Low-Side MOSFETs
for Three-Phase Current-Sensing
•
Active-HIGH Interface, Works with 3.3 / 5 V Logic,
Schmitt-trigger Input
•
Optimized for Low Electromagnetic Interference
•
HVIC Temperature-Sensing Built-In for Temperature
Monitoring
•
HVIC for Gate Driving and Under-Voltage Protection
•
Isolation Rating: 1500 Vrms / min.
•
Moisture Sensitive Level (MSL) 3
•
RoHS Compliant
Applications
•
3-Phase Inverter Driver for Small Power AC Motor
Drives
Related Source
• RD-FSB50450A - Reference Design for Motion SPM 5
Series Ver.2
•
AN-9082 - Motion SPM5 Series Thermal Performance
by Contact Pressure
•
AN-9080 - User’s Guide for Motion SPM 5 Series V2
General Description
The FSB50450A/AS/AT is an advanced Motion SPM® 5
module providing a fully-featured, high-performance
inverter output stage for AC Induction, BLDC and PMSM
motors. These modules integrate optimized gate drive of
the built-in MOSFETs (FRFET® technology) to minimize
EMI and losses, while also providing multiple on-module
protection features including under-voltage lockouts and
thermal
monitoring.
The
built-in
high-speed
HVIC requires
only
a
single
supply
voltage
and
translates the incoming logic-level gate inputs to the
high-voltage, high-current drive signals required to
properly
drive
the
module's
internal
MOSFETs.
Separate open-source MOSFET terminals are available
for each phase to support the widest variety of control
algorithms.
Package Marking & Ordering Information
Device Marking
Device
Package
Reel Size
Packing Type
Quantity
FSB50450A
FSB50450A
SPM5P-023
NA
Rail
15
FSB50450AS
FSB50450AS
SPM5Q-023
330mm
Tape-Reel
450
FSB50450AT
FSB50450AT
SPM5N-023
NA
Rail
15
FSB50450AS
FSB50450A
FSB50450AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com