Electronic Components Datasheet Search
  English  ▼

X  

IXD1701 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button IXD1701 Datasheet HTML 5Page - Zilog, Inc. IXD1701 Datasheet HTML 6Page - Zilog, Inc. IXD1701 Datasheet HTML 7Page - Zilog, Inc. IXD1701 Datasheet HTML 8Page - Zilog, Inc. IXD1701 Datasheet HTML 9Page - Zilog, Inc. IXD1701 Datasheet HTML 10Page - Zilog, Inc. IXD1701 Datasheet HTML 11Page - Zilog, Inc. IXD1701 Datasheet HTML 12Page - Zilog, Inc. IXD1701 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
9
BASIC OPERATION
The Error Amplifier of the IXD1701 series monitors output voltage divided by internal resistors R1 & R2 and
compares it with the internal Reference Voltage (see Block Diagram above). The output signal from error amplifier
drives gate of the P-channel MOSFET, which is connected to the VOUT pin and operates as a series voltage
regulator.
The Current Limit/Short Protection circuits monitor level of the output current, and Thermal shutdown circuit
monitors MOSFET junction temperature to prevent IC damage by excessive current.
The CE pin allows shutdown internal circuitry to minimize power consumption.
Current Limiter, Short-Circuit Protection
The IXD1701 series have a current limiter circuit & a fold back circuit, which aid the operations of the current limiter
and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit activates
and output voltage drops. Because of this drop, the fold back circuit activates too, and output voltage drops further
decreasing output current. When the output pin is shorted, a current of about 30 mA flows.
Thermal Shutdown
When the junction temperature of the built-in transistor reaches the temperature limit, the thermal shutdown circuit
activates and turns transistor OFF. The IC resumes normal operation when the junction temperature falls below
value determined by Thermal Shutdown Hysteresis.
CE Pin
The CE pin allows shutdown internal circuitry to minimize power consumption. In shutdown mode, output at the
VOUT pin is pulled down to the VSS level by resistors R1 and R2 connected in series.
Note that the CE input is active HIGH and has no pull down resistor. IC will be in undefined state, if CE pin is open.
CE pin should be connected to either VIN or ground. IC current consumption may increase, if voltage applied to this
pin is ~ 0.5 of VIN.
Minimum Operating Voltage
The input voltage should be above 2.0 V for the stable IC operation.
TYPICAL APPLICATION CIRCUIT
LAYOUT AND USE CONSIDERATIONS
1.
Mount external component as close to the IC as possible and use thick, short connecting traces to
reduce the circuit impedance.
2.
The IC may malfunction if absolute maximum ratings are exceeded.
3.
If power source of this regulator is a high impedance device, an input capacitor CIN ≥ 0.1μF should be
used to prevent oscillations.
4.
The internal phase compensation guarantees the IXD1701 stable operations even without load
capacitor CL. However, load capacitor CL = 0.1 – 1.0 µF located as close to VOUT and VSS pins may
improve regulator
’s dynamic characteristics, reducing over/undershoot at heavy load.
5.
In case of high output current, increasing the input capacitor value can stabilize operations.
6.
Please ensure that output current IOUT is less than PD / (VIN - VOUT), where PD is a rated power
dissipation value of the package shown at ABSOLUTE MAXIMUM RATING table to not exceed it.
7.
If IC is operates at high temperature with no load, the output voltage may increase beyond nominal
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com