Electronic Components Datasheet Search
  English  ▼

X  

MMA707 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MMA707
Description  1 Watt InGaP HBT Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA707 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MMA707 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA707 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA707 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA707 Datasheet HTML 4Page - Aeroflex Circuit Technology MMA707 Datasheet HTML 5Page - Aeroflex Circuit Technology MMA707 Datasheet HTML 6Page - Aeroflex Circuit Technology MMA707 Datasheet HTML 7Page - Aeroflex Circuit Technology MMA707 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision Date: 03/01/04
MMA707
1 Watt InGaP HBT Amplifier
FEATURES
• High Output Power: +31 dBm (Typ)
• High 3
rd Order IP: +50 dBm (Typ)
• High Dynamic Range: 97 dB (Typ)
• 3mm square QFN plastic package
MMA707
-3030
3mm x 3mm square
DESCRIPTION
The MMA707-3030 is a Power InGaP HBT device that is designed to provide moderate power
levels from 100 MHz to 2.5 GHz. Best operation is obtained across narrow bandwidths, typically
10%. The device is characterized in Class A operation. The device is assembled in a low profile
plastic package that is a 3mm square QFN style that has eight leads. The backside of the package
is DC/RF/Thermal ground.
Item
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
Top
-40
+85
°C
Storage Temperature Range
Tstor
-54
+125
°C
Breakdown Voltage, Collector to Emitter
BVceo
14.5
V
DC Collector current
Icc
576
mA
Operating Junction Temperature
TJ
150
°C
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Condition
1960 MHZ
2140 MHZ
Unit
MIN
TYP
MAX
MIN
TYP
MAX
Gain
SSG
1, 2
11
12
10.5
11.5
13.5
dB
Output Power
P-1dB
1, 2
+29.5
+31
+29.5
+31
dBm
3rd Order IP
IP3
1, 2, 3
+47
+50
+47
+50
dBm
Input VSWR
1, 2
2:1
2:1
Noise Figure
NF
1, 2
5.8
6.5
6.0
7.0
dB
Spur Free Dynamic Range
SFDR
95
97
95
97
dB
Thermal Resistance
θJC
2
25
°C/W
ELECTRICAL CHARACTISTICS (Ambient Temperature, TA , = +25°C)
NOTES:
1) All measurements from device evaluation boards.
2) Vsupply = 7.00 V, Icc=350 mA.
3) IP3: Power output per tone = +15 dBm, sepertation =1.2288 MHz
CONTACT THE FACTORY WHEN USING OTHER THAN 7 VOLTS.


Similar Part No. - MMA707

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMA701 ETC2-MMA701 Datasheet
2Mb / 8P
High Linearity Packaged HBT
MMA701-SOT89 ETC2-MMA701-SOT89 Datasheet
2Mb / 8P
High Linearity Packaged HBT
logo
Aeroflex Circuit Techno...
MMA701A AEROFLEX-MMA701A Datasheet
585Kb / 4P
24 dBm InGaP HBT Amplifier
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
MMA704 AEROFLEX-MMA704 Datasheet
298Kb / 4P
DC to 3.7 GHz Amplifier
More results

Similar Description - MMA707

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
1 Watt, High Linearity InGaP HBT Amplifier
logo
Aeroflex Circuit Techno...
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
2 Watt InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
logo
Analog Devices
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com