Electronic Components Datasheet Search
  English  ▼

X  

MOS6020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MOS6020
Description  SMT Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MOS6020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MOS6020 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOS6020 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 287-2
SMT Power Inductors - MOS6020 Series
Typical L vs Frequency
Typical L vs Current
Specifications subject to change without notice.
Document 287-2
Revised 07/30/04
0.1
10000
1000
0.1
1
10
Current (A)
1
10
100
2.2 µH
10 µH
470 µH
100 µH
0.095
2,4
0.24
6,0
max
0.28
7,1
max
max
0.18
4,5
0.030
0,75
typ
typ
min
0.100
2.54
0.170
4,32
max
0.280
7,10
min
Recommended
Land Pattern
Tape and reel:
500/7
″ reel; 2000/13″ reel 16 mm tape width
For packaging data see Tape and Reel Specifications section.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com