Electronic Components Datasheet Search
  English  ▼

X  

MPC9992 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9992
Description  3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9992 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9992 Datasheet HTML 1Page - Motorola, Inc MPC9992 Datasheet HTML 2Page - Motorola, Inc MPC9992 Datasheet HTML 3Page - Motorola, Inc MPC9992 Datasheet HTML 4Page - Motorola, Inc MPC9992 Datasheet HTML 5Page - Motorola, Inc MPC9992 Datasheet HTML 6Page - Motorola, Inc MPC9992 Datasheet HTML 7Page - Motorola, Inc MPC9992 Datasheet HTML 8Page - Motorola, Inc MPC9992 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9992/D
Rev 2, 04/2002
1
© Motorola, Inc. 2002
Product Preview
3.3V Differential ECL/PECL
PLL Clock Generator
The MPC9992 is a 3.3 V compatible, PLL based PECL clock driver.
Using SiGe technology and a fully differential design ensures optimum
skew and PLL jitter performance. The performance of the MPC9992
makes the device ideal for workstation, mainframe computer and
telecommunication applications. With output frequencies up to 400 MHz
and output skews less than 150 ps1 the device meets the needs of the
most demanding clock applications. The MPC9992 offers a differential
PECL input and a crystal oscillator interface. All control signals are
LVCMOS compatible.
Features
• 7 differential outputs, PLL based clock generator
• SiGe technology supports minimum output skew (max. 150 ps1)
• Supports up to two generated output clock frequencies with a maximum
clock frequency up to 400 MHz
• Selectable crystal oscillator interface and PECL compatible clock input
• SYNC pulse generation
• PECL compatible differential clock inputs and outputs
• Single 3.3V (PECL) supply
• Ambient temperature range 0°C to +70°C
• Standard 32 lead LQFP package
• Pin and function compatible to the MPC992
Functional Description
The MPC9992 utilizes PLL technology to frequency lock its outputs onto an input reference clock. The reference clock
frequency and the divider for the feedback path determine the VCO frequency. Both must be selected to match the VCO
frequency range. The MPC9992 features frequency programmability between the three output banks outputs as well as the
output to input relationships. Output frequency ratios of 2:1, 3:1, 3:2 and 5:2 can be realized. The two banks of outputs and the
feedback frequency divider can be programmed by the FSEL[2:0] pins of the device. The VCO_SEL pin provides an extended
PLL input reference frequency range.
The SYNC pulse generator monitors the phase relationship between the QA[3:0] and QB[2:0] output banks. The SYNC
generator output signals the coincident edges of the two output banks. This feature is useful for non binary relationships between
output frequencies.
The REF_SEL pin selects the differential PECL compatible input pair or crystal oscillator interface as the reference clock
signal. The PLL_EN control selects the PLL bypass configuration for test and diagnosis. In this configuration, the selected input
reference clock is routed directly to the output dividers bypassing the PLL. The PLL bypass is fully static and the minimum clock
frequency specification and all other PLL characteristics do not apply.
The MPC9992 requires an external reset signal for start-up and for PLL recovery in case the reference input is interrupted.
Assertion of the reset signal forces all outputs to the logic low state.
The MPC9992 is fully 3.3V compatible and requires no external loop filter components. The differential clock input (PCLK) is
PECL compatible and all control inputs accept LVCMOS compatible signals while the outputs provide PECL compatible levels
with the capability to drive terminated 50
W transmission lines.
The device is pin and function compatible to the MPC992 and is packaged in a 32-lead LQFP package.
1. Final specification of this parameter is pending characterization.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
FA SUFFIX
32 LEAD LQFP PACKAGE
CASE 873A
MPC9992
3.3V DIFFERENTIAL
ECL/PECL
PLL CLOCK GENERATOR


Similar Part No. - MPC9992

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
logo
Motorola, Inc
MPC9993D MOTOROLA-MPC9993D Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
MPC9993DFA MOTOROLA-MPC9993DFA Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
More results

Similar Description - MPC9992

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
MTRONPTI
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH MTRONPTI-M3EH Datasheet
214Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
logo
MTRONPTI
M3E_0611 MTRONPTI-M3E_0611 Datasheet
188Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH_0611 MTRONPTI-M3EH_0611 Datasheet
188Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
logo
Vectron International, ...
CO-432_452 VECTRON-CO-432_452 Datasheet
67Kb / 2P
ECL/PECL Clock Oscillators
CO-437_457 VECTRON-CO-437_457 Datasheet
61Kb / 3P
ECL/PECL Clock Oscillators
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com