| Electronic Components Datasheet Search |
|
CMP82C55AZ Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CMP82C55AZ Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 26 page ![]() MS82C55A, MQ82C55A, MP82C55A FN6140 Rev 2.00 Page 15 of 26 June 15, 2006 Reading Port C Status (Figures 15 and 16) In Mode 0, Port C transfers data to or from the peripheral device. When the 82C55A is programmed to function in Modes 1 or 2, Port C generates or accepts “hand shaking” signals with the peripheral device. Reading the contents of Port C allows the programmer to test or verify the “status” of each peripheral device and change the program flow accordingly. There is not a special instruction to read the status information from Port C. A normal read operation of Port C is executed to perform this function. Applications of the 82C55A The 82C55A is a very powerful tool for interfacing peripheral equipment to the microcomputer system. It represents the optimum use of available pins and is flexible enough to interface almost any I/O device without the need for additional external logic. Each peripheral device in a microcomputer system usually has a “service routine” associated with it. The routine manages the software interface between the device and the CPU. The functional definition of the 82C55A is programmed by the I/O service routine and becomes an extension of the system software. By examining the I/O devices interface characteristics for both data transfer and timing, and matching this information to the examples and tables in the detailed operational description, a control word can easily be developed to initialize the 82C55A to exactly “fit” the application. Figures 18 through 24 present a few examples of typical applications of the 82C55A. INTERRUPT ENABLE FLAG POSITION ALTERNATE PORT C PIN SIGNAL (MODE) INTE B PC2 ACKB (Output Mode 1) or STBB (Input Mode 1) INTE A2 PC4 STBA (Input Mode 1 or Mode 2) INTE A1 PC6 ACKA (Output Mode 1 or Mode 2) FIGURE 17. INTERRUPT ENABLE FLAGS IN MODES 1 AND 2 FIGURE 18. PRINTER INTERFACE PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PC7 PC6 PC5 PC4 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PC1 PC2 DATA READY ACK PAPER FEED FORWARD/REV. DATA READY ACK PAPER FEED FORWARD/REV. RIBBON CARRIAGE SEN. MODE 1 (OUTPUT) 82C55A MODE 1 (OUTPUT) CONTROL LOGIC AND DRIVERS INTERRUPT REQUEST PC0 INTERRUPT REQUEST PC3 HAMMER RELAYS HIGH SPEED PRINTER |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |