Electronic Components Datasheet Search
  English  ▼

X  

MRUS51S Datasheet(PDF) 2 Page - NEC

Part # MRUS51S
Description  Micro power Built-in IC ultra-minimum MR sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MRUS51S Datasheet(HTML) 2 Page - NEC

  MRUS51S Datasheet HTML 1Page - NEC MRUS51S Datasheet HTML 2Page - NEC MRUS51S Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
New Product DATA SHEET
MR Sensor
MRUS51S
3.Performance
3-1.Operating Conditions Recommended
(Ta = 25+3 ˚C unless otherwise specified)
Item
Output
Condition
Min
Std
Max
Unit
Supply Voltage
-
-
1.6
1.8
3.5
V
Supply Current
-
Vcc=1.8V
-
3
-
µA
Ambient
Temperature
-
-
-40
25
85
ºC
VOH
Vcc=1.8V
Iout=1mA
1.6
-
-
V
Output Voltage
VOL
VCC=1.8V
Iout=-1mA
-
-
0.2
V
Hi-level
output
Hon
25+3˚C
-
1.5
(1.4)
2.2
(1.8)
Operating Magnetic
Field
Lo-level
output
Hoff
25+3˚C
0.5
(0.4)
-
-
mT
(*1
(kA/m)
*1)
1 [mT](SI) = 10 [G] (CGS)
3-2.Absolute Maximum Ratings
(Ta = 25+3 C˚ unless otherwise specified)
Item
Condition
Specifications
Unit
Supply Voltage
-
6.0
V
Storage
Temperature
-
-40 ~ +125
˚C
The products and product specifications described in this material are subject to change without notice
for reasons of modification or improvement.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com