Electronic Components Datasheet Search
  English  ▼

X  

PDS3100 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS3100
Description  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS3100 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS3100 Datasheet HTML 1Page - Diodes Incorporated PDS3100 Datasheet HTML 2Page - Diodes Incorporated PDS3100 Datasheet HTML 3Page - Diodes Incorporated PDS3100 Datasheet HTML 4Page - Diodes Incorporated PDS3100 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDS3100
Document number: DS30487 Rev. 14 - 2
1 of 5
www.diodes.com
January 2017
© Diodes Incorporated
PDS3100
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PowerDI5
Features
•
Guard Ring Die Construction for Transient Protection
•
Low Power Loss, High Efficiency
•
Low Reverse Leakage Current
•
Low Forward Voltage Drop
•
High Forward Surge Current Capability
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
An Automotive-Compliant Part is Available Under Separate
Datasheet (PDS3100Q)
Mechanical Data
•
Case: PowerDI
®
5
•
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.093 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
PDS3100-13
PowerDI5
5000/Tape & Reel
PDS3100-7
PowerDI5
1500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
S3100 = Product Type Marking Code
= Manufacturers’ Code Marking
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 17 for 2017)
WW = Week Code (01 to 53)
K = Factory Designator
YYWWK
S3100
Green
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
PowerDI5
PowerDI5
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - PDS3100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS3100 DIODES-PDS3100 Datasheet
104Kb / 3P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30487 Rev. 4 - 2
PDS3100 DIODES-PDS3100 Datasheet
102Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30487 Rev. 11 - 2
PDS3100-13 DIODES-PDS3100-13 Datasheet
104Kb / 3P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30487 Rev. 4 - 2
PDS3100-13 DIODES-PDS3100-13 Datasheet
102Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30487 Rev. 11 - 2
PDS3100Q DIODES-PDS3100Q Datasheet
218Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results

Similar Description - PDS3100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM3100 DIODES-MBRM3100 Datasheet
69Kb / 3P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30354 Rev. 3 - 1
PDS3200 DIODES-PDS3200 Datasheet
103Kb / 3P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30470 Rev. 12 - 2
PDS3200 DIODES-PDS3200_10 Datasheet
106Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30470 Rev. 16 - 2
PDS3100 DIODES-PDS3100_10 Datasheet
102Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30487 Rev. 11 - 2
PDS3200Q-13 DIODES-PDS3200Q-13 Datasheet
143Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI5
Rev 18
PDS3100Q DIODES-PDS3100Q_15 Datasheet
218Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev erse
PDS3200 DIODES-PDS3200_15 Datasheet
495Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰5
Rev 19
PDS3100 DIODES-PDS3100_15 Datasheet
443Kb / 6P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev erse
PDS3200 DIODES-PDS3200_18 Datasheet
470Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 20
PDS3100Q DIODES-PDS3100Q Datasheet
218Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com