Electronic Components Datasheet Search
  English  ▼

X  

MXD2020ML Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MXD2020ML
Description  Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXD2020ML Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MXD2020ML Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MEMSIC MXD2020GL/ML/NL/HL
Page 6 of 7
2002.08.29.1
CONVERTING THE DIGITAL OUTPUT TO AN
ANALOG OUTPUT
The PWM output can be easily converted into an analog
output by integration. A simple RC filter can do the
conversion. Note that that the impedance of the circuit
following the integrator must be much higher than the
impedance of the RC filter. Reference figure 4 for an
example.
1uF
DOUT
AOUT
10K
MEMSIC
Accel.
Figure 4: Converting the digital output to an analog voltage
POWER SUPPLY NOISE REJECTION
Two capacitors and a resistor are recommended for best
rejection of power supply noise (reference Figure 5 below).
The capacitors should be located as close as possible to the
device supply pins (VDA, VDD). The capacitor lead length
should be as short as possible, and surface mount capacitors
are preferred. For typical applications, capacitors C1 and
C2 can be ceramic 0.1 µF, and the resistor R can be 10 Ω.
In 5V applications where power consumption is not a
concern, maximum supply noise rejection can be obtained
by significantly increasing the values of C1, C2 and R. For
example, C1 = C2 = 0.47 µF and R = 270 Ω will virtually
eliminate power supply noise effects.
R
MEMSIC
Accelerometer
VDA
C1
C2
VDD
V SUPPLY
Figure 5: Power Supply Noise Rejection
PCB LAYOUT AND FABRICATION SUGGESTIONS
1. The Sck pin should be grounded to minimize noise.
2. Liberal use of ceramic bypass capacitors is
recommended.
3. Robust low inductance ground wiring should be used.
4. Care should be taken to ensure there is “thermal
symmetry” on the PCB immediately surrounding the
MEMSIC device and that there is no significant heat
source nearby.
5. A metal ground plane should be added directly beneath
the MEMSIC device. The size of the plane should be
similar to the MEMSIC device’s footprint and be as
thick as possible.
6. Vias can be added symmetrically around the ground
plane. Vias increase thermal isolation of the device
from the rest of the PCB.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com