Electronic Components Datasheet Search
  English  ▼

X  

AOB12N65 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOB12N65
Description  650V, 12A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB12N65 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOB12N65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB12N65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB12N65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB12N65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB12N65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB12N65 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
10
20
30
40
50
60
Q
g (nC)
Figure 7: Gate-Charge Characteristics
V
DS=520V
I
D=12A
1
10
100
1000
10000
0.1
1
10
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 10: Maximum Forward Biased Safe
10
µs
10ms
1ms
0.1s
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
1s
10s
Figure 9: Maximum Forward Biased Safe
Operating Area for AOT(B)12N65 (Note F)
Figure 10: Maximum Forward Biased Safe
Operating Area for AOTF12N65 (Note F)
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
T
CASE (°C)
Figure 12: Current De-rating (Note B)
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 11: Maximum Forward Biased Safe Operating
Area for AOTF12N65L (Note F)
10
µs
10ms
1ms
0.1s
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
1s
10s
Rev.7.0: December 2014
www.aosmd.com
Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com