Electronic Components Datasheet Search
  English  ▼

X  

086-8SMPR Datasheet(PDF) 1 Page - Mini-Circuits

Part # 086-8SMPR
Description  Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

086-8SMPR Datasheet(HTML) 1 Page - Mini-Circuits

  086-8SMPR Datasheet HTML 1Page - Mini-Circuits 086-8SMPR Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Coaxial Cable
086-8SMPR+
HAND
TM
The Big Deal
Product Overview
086-SMPR+ Series Hand-Flex interconnect cables are ideal for interconnecting coaxial components and sub-
assemblies in a wide range of systems. Rugged, hand-formable cable construction provides a minimum bend
radius of 6mm to accommodate tight layouts without the need for bending tools, adapters or brackets. Right-angle
SMP-F blind mate snap-on connectors make these cables ideal for connections between adjacent modules in
crowded system layouts. The connector interface meets MIL-STD-348 requirements and an insulated outer jacket
protects against wear and tear. 086-SMPR+ cables are available in a variety of lengths to meet your requirements.
Key Features
CASE STYLE: KP2131-8
• Hand-formable
• Right-angle SMP-F blind mate snap-on connectors
• Excellent return loss
• Low insertion loss
• Ideal for connections in crowded system layouts
50Ω
DC to 18 GHz
Feature
Advantages
Hand-formable RF cables
Facilitates interconnection of assembled systems without the need for special cable-bending
tools or adapters. Reduces the risk of damage during bending.
Tight bend-radius
6mm bend-radius allows almost any custom shape, accommodating tight layouts.
Right-angle SMP-F blind mate snap-on
connectors
Ideal for interconnect of adjacent modules with tight space constraints without sacrificing high-
frequency performance due to severe bend near the connector interface.
Excellent return loss
Minimizes VSWR ripple contribution due to mating cables and connectors.
Low insertion loss
Minimizes overall signal path loss.
Good power handling
• 87W at 0.5 GHz
• 15W at 18 GHz
Supports medium to high RF power levels used in transmit paths.


Similar Part No. - 086-8SMPR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-8SM+ MINI-086-8SM+ Datasheet
558Kb / 3P
Coaxial Cable
086-8SM+ MINI-086-8SM+ Datasheet
921Kb / 1P
COAXIAL CABLES Designer?셲 Kit DC to 18 GHz, SMA-Male Connectors
REV. OR
086-8SMR MINI-086-8SMR Datasheet
356Kb / 2P
Coaxial Cable
086-8SMR+ MINI-086-8SMR+ Datasheet
356Kb / 2P
Coaxial Cable
More results

Similar Description - 086-8SMPR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
Coaxial Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com