Electronic Components Datasheet Search
  English  ▼

X  

SA572F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA572F
Description  Programmable analog compandor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA572F Datasheet(HTML) 1 Page - NXP Semiconductors

  SA572F Datasheet HTML 1Page - NXP Semiconductors SA572F Datasheet HTML 2Page - NXP Semiconductors SA572F Datasheet HTML 3Page - NXP Semiconductors SA572F Datasheet HTML 4Page - NXP Semiconductors SA572F Datasheet HTML 5Page - NXP Semiconductors SA572F Datasheet HTML 6Page - NXP Semiconductors SA572F Datasheet HTML 7Page - NXP Semiconductors SA572F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors RF Communications Products
Product specification
NE/SA572
Programmable analog compandor
2
October 7, 1987
853-0813 90829
DESCRIPTION
The NE572 is a dual-channel,
high-performance gain control circuit in which
either channel may be used for dynamic
range compression or expansion. Each
channel has a full-wave rectifier to detect the
average value of input signal, a linearized,
temperature-compensated variable gain cell
(
∆G) and a dynamic time constant buffer. The
buffer permits independent control of
dynamic attack and recovery time with
minimum external components and improved
low frequency gain control ripple distortion
over previous compandors.
The NE572 is intended for noise reduction in
high-performance audio systems. It can also
be used in a wide range of communication
systems and video recording applications.
FEATURES
• Independent control of attack and recovery
time
• Improved low frequency gain control ripple
• Complementary gain compression and
expansion with external op amp
• Wide dynamic range—greater than 110dB
• Temperature-compensated gain control
• Low distortion gain cell
• Low noise—6µV typical
• Wide supply voltage range—6V-22V
• System level adjustable with external
components
APPLICATIONS
• Dynamic noise reduction system
• Voltage control amplifier
• Stereo expandor
• Automatic level control
• High-level limiter
• Low-level noise gate
• State variable filter
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
D1, N, F Packages
TRACK TRIM A
RECOV. CAP A
RECT. IN A
ATTACK CAP A
THD TRIM A
GND
∆G OUT A
∆G IN A
TRACK TRIM B
RECOV. CAP B
RECT. IN B
ATTACK CAP B
THD TRIM B
∆G OUT B
∆G IN B
VCC
NOTE:
1. D package released in large SO (SOL) package
only.
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline (SO)
0 to +70
°C
NE572D
0005
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE572N
0406
16-Pin Plastic Small Outline (SO)
–40 to +85
°C
SA572D
0005
16-Pin Ceramic Dual In-Line Package (Cerdip)
–40 to +85
°C
SA572F
0582
16-Pin Plastic Dual In-Line Package (DIP)
–40 to +85
°C
SA572N
0406
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
22
VDC
TA
Operating temperature range
NE572
0 to +70
°C
SA572
–40 to +85
PD
Power dissipation
500
mW


Similar Part No. - SA572F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
NXP Semiconductors
SA57254-20GW PHILIPS-SA57254-20GW Datasheet
267Kb / 18P
CMOS switching regulator (PWM controlled)
2003 Nov 11
SA57254-25GW PHILIPS-SA57254-25GW Datasheet
267Kb / 18P
CMOS switching regulator (PWM controlled)
2003 Nov 11
SA57254-28GW PHILIPS-SA57254-28GW Datasheet
267Kb / 18P
CMOS switching regulator (PWM controlled)
2003 Nov 11
More results

Similar Description - SA572F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
Compandor
1997 Aug 14
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
Unity gain level programmable low power compandor
1997 Nov 07
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
Unity gain level programmable low power compandor
December 15, 1993
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
Compandor
March, 2006 ??Rev. 4
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
COMPANDOR
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
Compandor
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com