Electronic Components Datasheet Search
  English  ▼

X  

PR-1755 Datasheet(PDF) 1 Page - CUI INC

Part # PR-1755
Description  DC POWER RECEPTACLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PR-1755 Datasheet(HTML) 1 Page - CUI INC

  PR-1755 Datasheet HTML 1Page - CUI INC PR-1755 Datasheet HTML 2Page - CUI INC PR-1755 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 06/19/2018
page 1 of 3
cui.com
MODEL: PR-1755
│ DESCRIPTION: DC POWER RECEPTACLE
FEATURES
• designed for overmolding
• 7 A rating
• 1.6 mm center pin
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
20
Vdc
rated input current
7
A
contact resistance
between plug and receptacle
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
when mating with a standard plug
0.3
3
kgf
withdrawal force
when mating with a standard plug
0.3
3
kgf
operating temperature
-25
70
°C
operating humidity
85
%
life
5,000
cycles
flammability rating
see material table
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 1 second
380
400
420
°C
For more information, please visit the product page.


Similar Part No. - PR-1755

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PR-1755 CUID-PR-1755 Datasheet
359Kb / 3P
DC POWER RECEPTACLE
11/07/2019
More results

Similar Description - PR-1755

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
DC-DC Power Supplies
IZ0503SA XPPOWER-IZ0503SA Datasheet
58Kb / 2P
DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
DC-DC Power Supplies
WF100 XPPOWER-WF100_13 Datasheet
297Kb / 2P
DC-DC Power Supplies
logo
CUI INC
PR-1135 CUI-PR-1135 Datasheet
336Kb / 3P
DC POWER RECEPTACLE
PR-1335D CUI-PR-1335D Datasheet
327Kb / 3P
DC POWER RECEPTACLE
PR-2155 CUI-PR-2155 Datasheet
389Kb / 3P
DC POWER RECEPTACLE
PR-2555B CUI-PR-2555B Datasheet
389Kb / 3P
DC POWER RECEPTACLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com