Electronic Components Datasheet Search
  English  ▼

X  

OHT10CB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OHT10CB
Description  Photo transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OHT10CB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OHT10CB Datasheet HTML 1Page - List of Unclassifed Manufacturers OHT10CB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The OHT10CB is a high-sensitivity NPN silicon phototransistor
mounted in durable, hermetically sealed TO-18 metal can which provide years
of reliable performance, even under demanding conditions such as use outdoors.
FEATURES
● Narrow angular response
● Durable
● High reliability in demanding environments
● Two leads( Collector, Emitter )
APPLICATIONS
● Optical counters
● Optical detectors
● Infrared sensors
● Encoders
● Smoke detectors
ELECTRO-OPTICAL CHARACTERISTICS
Symbol
Cond.
Min.
Typ.
Max.
Unit
Collector dark current
ICEO
VCEO=10V
1
200
㎁
Light current
IL
VCE=10v,200Lux
1.5
6.0
16
㎃
C-E saturation voltage
Vce(sat)
Ic=5㎃,2000Lux
0.2
0.4
V
Rise time
tr
Vcc=10v,Ic=5㎃
8.0
usec.
Fall time
tf
RL=100Ω
10
usec.
Spectral sensitivity
λ
㎚
Peak wavelenght
λp
880
㎚
Half angle
Δθ
±15
deg.
MAXIMUM RATINGS
Symbol
Unit
C-E voltage
VCEO
V
E-C voltage
VECO
V
Collector current
Ic
㎃
Collector power dissipation
PD
mW
Operating temp.
Topr.
℃
Storage temp.
Tstg.
℃
Soldering temp.
(1)
Tsol.
℃
(1)For MAX.5seconds at the position of 2mm from the package
500~1,050
Photo transistors
OHT10CB
(Ta=25℃)
( Ta=25℃ )
OPTO HiTEC.Co.,Ltd.
1
4
50
260
-30∼+125
-50∼+150
40
Item
Rating
Item
Switching speeds
150


Similar Description - OHT10CB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ST1KLA KODENSHI-ST1KLA Datasheet
13Kb / 2P
Photo Transistors
KST-312 KODENSHI-KST-312 Datasheet
228Kb / 2P
Photo transistors
ST23G KODENSHI-ST23G Datasheet
77Kb / 2P
PHOTO TRANSISTORS
ST309 KODENSHI-ST309 Datasheet
79Kb / 2P
PHOTO TRANSISTORS
logo
Seoul Semiconductor
SST-4T5 SEOUL-SST-4T5 Datasheet
247Kb / 2P
Photo Transistors
logo
KODENSHI_AUK CORP.
KDTD001 KODENSHI-KDTD001 Datasheet
146Kb / 2P
Photo transistors
ST-1CL3H KODENSHI-ST-1CL3H_08 Datasheet
155Kb / 2P
Photo transistors
ST-1MLAR2 KODENSHI-ST-1MLAR2_09 Datasheet
190Kb / 2P
Photo transistors
ST305 KODENSHI-ST305 Datasheet
281Kb / 2P
Photo transistors
ST325 KODENSHI-ST325 Datasheet
277Kb / 2P
Photo transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com