Electronic Components Datasheet Search
  English  ▼

X  

X9C303PIZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X9C303PIZ
Description  Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C303PIZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  X9C303PIZ Datasheet HTML 1Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
X9C303
FN8223 Rev 2.00
Page 4 of 10
January 30, 2009
Symbol Table
Typical Electrical Taper
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
100
90
80
70
60
50
40
30
20
10
0
TAP
R(VH - VW)
R(VW - VL)
Test Circuit #1
TEST POINT
VW
VH
VL
VS
Test Circuit #2
FORCE
VL
VW
VH
TEST POINT
CURRENT
Circuit #3 SPICE Macro Model
CW
RTOTAL
RH
RL
CH
RW
10pF
CL
10pF
25pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com