Electronic Components Datasheet Search
  English  ▼

X  

ON33 Datasheet(PDF) 1 Page - ams AG

Part # ON33
Description  0.35 UM CMOS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ON33 Datasheet(HTML) 1 Page - ams AG

  ON33 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.35 µm CMOS
ON33
April 2000
Page 1 of 1
Rev. N/C
ON33 is an OR / NAND circuit providing the logical function Q = NOT [ (A+B+C).(D+E+F) ].
Truth Table
A
B
CDE
F
Q
000
X
X
X
1
XXX
0
0
0
1
XX
1
X
X
1
0
X
X
1X
1X
0
XX
1
1
XX
0
X1
X
X
X1
0
X1
X
X
1
X0
X1
X1
X
X
0
1
XXX
X
1
0
1
XXX1
X
0
1X
X
1
X
X
0
Area
0.226 mils
2
146 µm
2
Capacitance
Pin
Cap [pF]
A0.018
B0.018
C0.018
D0.017
E0.016
F0.015
Power
1.234 µW/MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(SL, L)
with L = Output Load [pF]
AC Characteristics:
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Rise
Fall
Slope [ns]
0.1
2
0.1
2
Load [pF]
0.015
0.15
0.015
0.15
0.015
0.15
0.015
0.15
Delay A => Q
0.29
0.75
0.33
0.76
0.38
0.79
0.6
1.01
Delay B => Q
0.27
0.72
0.39
0.84
0.34
0.74
0.55
0.97
Delay C => Q
0.21
0.66
0.43
0.89
0.28
0.69
0.47
0.91
Delay D => Q
0.23
0.69
0.23
0.7
0.36
0.77
0.71
1.14
Delay E => Q
0.21
0.67
0.3
0.77
0.32
0.72
0.65
1.1
Delay F => Q
0.14
0.61
0.34
0.82
0.26
0.66
0.56
1.04
Slew A => Q
1.09
2.55
1.46
2.72
0.64
1.56
1.01
1.78
Slew B => Q
1.09
2.54
1.51
2.75
0.54
1.46
0.89
1.68
Slew C => Q
1.08
2.54
1.53
2.79
0.46
1.37
0.79
1.58
Slew D => Q
0.99
2.44
1.35
2.61
0.65
1.56
1.1
1.87
Slew E => Q
0.99
2.44
1.41
2.65
0.55
1.47
0.98
1.77
Slew F => Q
0.97
2.45
1.43
2.68
0.45
1.36
0.84
1.67


Similar Part No. - ON33

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON3131 PANASONIC-ON3131 Datasheet
91Kb / 4P
Optoisolators
ON3132 PANASONIC-ON3132 Datasheet
91Kb / 4P
Optoisolators
ON3133 PANASONIC-ON3133 Datasheet
91Kb / 4P
Optoisolators
ON3134 PANASONIC-ON3134 Datasheet
91Kb / 4P
Optoisolators
ON3171 PANASONIC-ON3171 Datasheet
53Kb / 3P
Optoisolator(For isolated signal transmission)
More results

Similar Description - ON33

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C21164096 MOSEL-V62C21164096 Datasheet
183Kb / 10P
256K x 16, 0.20 um CMOS STATIC RAM
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
256K x 16, 0.17 um CMOS STATIC RAM
logo
ams AG
DF92 AMSCO-DF92 Datasheet
14Kb / 2P
0.6 um CMOS
logo
ATMEL Corporation
UA1E ATMEL-UA1E Datasheet
152Kb / 11P
0.35 um ULC Series with Embedded DPRAM
logo
ams AG
DL82 AMSCO-DL82 Datasheet
12Kb / 2P
CUB - 0.6 um CMOS
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT Datasheet
789Kb / 22P
Radiation Tolerant 0.35 um CMOS
logo
List of Unclassifed Man...
GA32C3 ETC2-GA32C3 Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
UM-1, UM-5 DIP TYPE
FT21M07B FRONTER-FT21M07B Datasheet
119Kb / 1P
UM-1, UM-5 DIP TYPE 4POLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com