Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Tool Kit for EM6819 Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6819 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 2Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EM6819 Tool Kit
Copyright
 2014, EM Microelectronic-Marin SA
Subject to change without notice
6819-FS.doc, Version 2.0, 18-Aug-14
1
www.emmicroelectronic.com
Tool Kit for EM6819 Family
Description
The EM6819 Tool kit offers a complete, flexible,
affordable software and hardware development solutions
for EM6819 family.
It provides a software tool chain, in-circuit debugging and
programming capabilities, with all the features needed for
developers to easily evaluate, create, build, and debug
EM6819 based systems.
The EM6819 Tool Kits are based on the REva
(*) mother
board platform that consists of a generic motherboard
with interchangeable daughter boards supporting several
target microcontrollers and an embedded RLink
(*) for In-
Circuit Programming and Debugging.
The
Stand-alone
RLink
dongle
(available
with
EMRLK6819, EMRLKP6819 and EMRKP6819) can be
directly connected to the application through a cable and
allows In-System programming and debugging down to
1.0V thanks to the Level-Shifter adaptor.
RLink, driven by the RIDE
(*)
Integrated Development
Environment, provides USB to host PC interface and
connects to the EM6819 for in-circuit programming and
debugging through the GASP serial protocol used by
EM6819 family.
RIDE toolchain includes an editor, a project manager, a
GNU C Compiler, an assembler and a linker. All are
integrated into an easy to use software.
Features
R
Eva
SO-DIMM
format
interchangeable
daughter
board with EM6819 Microcontroller
Digital and analog I/O evaluation features
including on-board LEDs, buttons, switches,
potentiometer
Temperature sensor
LCD module
MEMS 3D-accelerometer
On-board I²C EEPROM, RS232 driver,
User wrapping or soldering area
Various connector (DB9, HE-
10, …)
Voltage settings 2.5V or 3.3V
USB-Self powered, no additional power-supply
required
RIDE Integrated Development Environment
Editor
Project manager
Unlimited C-Compiler (GNU for CoolRISC)
Assembler, Linker
Programmer
Debugger
Unlimited breakpoints
Watch window
Run / Stop / Reset
Step in, step over
Real EM6819 emulation
Debug over the full voltage range
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6819

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6819 EMMICRO-EM6819 Datasheet
2Mb / 154P
Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
More results

Similar Description - EM6819

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690372103 MOLEX11-0690372103 Datasheet
62Kb / 1P
Mini-Mac Tool Kit for 0690371103
0690372108 MOLEX11-0690372108 Datasheet
62Kb / 1P
Mini-Mac Tool Kit for 0690371108
0690372167 MOLEX11-0690372167 Datasheet
62Kb / 1P
Mini-Mac Tool Kit for 0690371167
0690372186 MOLEX11-0690372186 Datasheet
62Kb / 1P
Mini-Mac Tool Kit for 0690371186
0690372230 MOLEX11-0690372230 Datasheet
62Kb / 1P
Mini-Mac Tool Kit for 0690371230
0690372237 MOLEX11-0690372237 Datasheet
62Kb / 1P
Mini-Mac Tool Kit for 0690371237
ATS-6381147HM MOLEX-ATS-6381147HM Datasheet
549Kb / 8P
Tool Kit for MLX Crimp Terminals
07-24-17
ATS-6381152HM MOLEX-ATS-6381152HM Datasheet
687Kb / 9P
Tool Kit for SPOX??Crimp Terminals
06-30-11
0690372075 MOLEX-0690372075 Datasheet
37Kb / 1P
Mini-Mac Tool Kit for 690371075
08/25/2022
0690372196 MOLEX-0690372196 Datasheet
37Kb / 1P
Mini-Mac Tool Kit for 690371196
08/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com