Electronic Components Datasheet Search
  English  ▼

X  

X5323PIZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X5323PIZ
Description  CPU Supervisor with 32kBit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5323PIZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X5323PIZ Datasheet HTML 9Page - Renesas Technology Corp X5323PIZ Datasheet HTML 10Page - Renesas Technology Corp X5323PIZ Datasheet HTML 11Page - Renesas Technology Corp X5323PIZ Datasheet HTML 12Page - Renesas Technology Corp X5323PIZ Datasheet HTML 13Page - Renesas Technology Corp X5323PIZ Datasheet HTML 14Page - Renesas Technology Corp X5323PIZ Datasheet HTML 15Page - Renesas Technology Corp X5323PIZ Datasheet HTML 16Page - Renesas Technology Corp X5323PIZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
X5323, X5325 (Replaces X25323, X25325)
FN8131 Rev 3.00
Page 13 of 19
December 9, 2015
CS/WDI vs RESET/RESET Timing
RESET Output Timing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VTRIP
Reset Trip Point Voltage, X5323-4.5A, X5323-4.5A
4.5
4.63
4.75
V
Reset Trip Point Voltage, X5323, X5325
4.25
4.38
4.5
V
Reset Trip Point Voltage, X5323-2.7A, X5325-2.7A
2.85
2.92
3.0
V
Reset Trip Point Voltage, X5323-2.7, X5325-2.7
2.55
2.63
2.7
V
VTH
VTRIP Hysteresis (HIGH to LOW vs LOW to HIGH VTRIP Voltage)
20
mV
tPURST
Power-up Reset Time-Out
100
200
280
ms
tRPD (Note 5) VCC Detect To Reset/Output
500
ns
tF (Note 5)
VCC Fall Time
100
µs
tR (Note 5)
VCC Rise Time
100
µs
VRVALID
Reset Valid VCC
1V
NOTE:
5. This parameter is periodically sampled and not 100% tested.
CS/WDI
tCST
RESET
tWDO
tRST
tWDO
tRST
RESET
RESET/RESET Output Timing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tWDO
Watchdog Time-Out Period
WD1 = 1, WD0 = 0
100
200
300
ms
WD1 = 0, WD0 = 1
450
600
800
ms
WD1 = 0, WD0 = 0
1
1.4
2
s
tCST
CS Pulse Width to Reset the Watchdog
400
ns
tRST
Reset Time-Out
100
200
300
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com