Electronic Components Datasheet Search
  English  ▼

X  

X9250 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9250
Description  Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9250 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9250 Datasheet HTML 1Page - Renesas Technology Corp X9250 Datasheet HTML 2Page - Renesas Technology Corp X9250 Datasheet HTML 3Page - Renesas Technology Corp X9250 Datasheet HTML 4Page - Renesas Technology Corp X9250 Datasheet HTML 5Page - Renesas Technology Corp X9250 Datasheet HTML 6Page - Renesas Technology Corp X9250 Datasheet HTML 7Page - Renesas Technology Corp X9250 Datasheet HTML 8Page - Renesas Technology Corp X9250 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN8165 Rev.3.00
Page 1 of 20
August 29, 2006
FN8165
Rev.3.00
August 29, 2006
X9250
Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled
Potentiometers (XDCP™)
DATASHEET
FEATURES
• Four potentiometers in one package
• 256 resistor taps/pot - 0.4% resolution
• SPI serial interface
• Wiper resistance, 40
 typical @ VCC = 5V
• Four nonvolatile data registers for each pot
• Nonvolatile storage of wiper position
• Standby current < 5µA max (total package)
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = -2.7V to -5.5V
• 100k
, 50k total pot resistance
• High reliability
—Endurance – 100,000 data changes per bit per
register
—Register data retention - 100 years
• 24 Ld SOIC, 24 Ld TSSOP
• Dual supply version of X9251
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The
X9250
integrates
4
digitally
controlled
potentiometers (XDCP) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
SPI bus interface. Each potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array though the switches. Power up recalls
the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
CS
SCK
A0
A1
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
SO
SI
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 2
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 3
VH3/RH3
VL3/RH3
VW3/RW3
Pot1
HOLD
WP
Pot 0
VCC
VSS
V+
V-


Similar Part No. - X9250

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps
March 25, 2005
X9250 INTERSIL-X9250 Datasheet
356Kb / 20P
Quad Digitally Controlled Potentiometers
August 29, 2006
X9250 INTERSIL-X9250 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9250 INTERSIL-X9250 Datasheet
360Kb / 20P
Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results

Similar Description - X9250

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL22343 RENESAS-ISL22343 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22446 RENESAS-ISL22446 Datasheet
1Mb / 15P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com