Electronic Components Datasheet Search
  English  ▼

X  

X5168PI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X5168PI
Description  CPU Supervisor with 16Kbit SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5168PI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X5168PI Datasheet HTML 9Page - Renesas Technology Corp X5168PI Datasheet HTML 10Page - Renesas Technology Corp X5168PI Datasheet HTML 11Page - Renesas Technology Corp X5168PI Datasheet HTML 12Page - Renesas Technology Corp X5168PI Datasheet HTML 13Page - Renesas Technology Corp X5168PI Datasheet HTML 14Page - Renesas Technology Corp X5168PI Datasheet HTML 15Page - Renesas Technology Corp X5168PI Datasheet HTML 16Page - Renesas Technology Corp X5168PI Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
X5168, X5169 (Replaces X25268, X25169)
FN8130 Rev 2.00
Page 13 of 20
June 15, 2006
Equivalent A.C. Load Circuit at 5V VCC
5V
Output
100pF
5V
4.6k
RESET/RESET
30pF
2.06k
3.03k
A.C. Test Conditions
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
AC Electrical Specifications
(Over recommended operating conditions, unless otherwise specified.)
SYMBOL
PARAMETER
2.7-5.5V
UNIT
MIN
MAX
SERIAL INPUT TIMING
fSCK
Clock frequency
0
2
MHz
tCYC
Cycle time
500
ns
tLEAD
CS lead time
250
ns
tLAG
CS lag time
250
ns
tWH
Clock HIGH time
200
ns
tWL
Clock LOW time
200
ns
tSU
Data setup time
50
ns
tH
Data hold time
50
ns
tRI(3)
Input rise time
100
ns
tFI(3)
Input fall time
100
ns
tCS
CS deselect time
500
ns
tWC(4)
Write cycle time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com