Electronic Components Datasheet Search
  English  ▼

X  

XF0331P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0331P
Description  TERMINAL NUMBERS FOR REF ONLY.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0331P Datasheet(HTML) 1 Page - E-SWITCH

  XF0331P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
D16OAT11CWHT
1.5:1
3/22/2011
XF0331P
B
BGL
1
1
RECOMMENDED PANEL MOUNTING
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
D16OAT11
F040007
1
1
50-002-05 TRANPARENT WHITE LENS
F050205
1
2
50-004-05 INCANDESCENT LAMP 28V AC/DC 40mA
F050405
1
3
28.50 `.50
1.122 `.020 in
[]
B
19783
DRAWING CLEAN UP / UPDATE
3/22/11
BGL
7.20
[.283 in]
24.00
[.945 in]
18.00
[.709 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY.
4. CONTACT RATING: 5A @ 250VAC,
8A @ 125VAC,
6A @ 24VDC
5. ELECTRICAL LIFE: 50,000 OPERATIONS
6. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
7. CONTACT MATERIAL: SILVER PLATED COPPER ALLOY
8. ACTUATION FORCE: 300g / POLE
9. OPERATING TEMP.: -25°C to +55°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
16.00
n
- .00
.30
+
.630 -.000
.012
+
in
[]
18.00
[.709 in] MIN.
24.00
[.945 in] MIN.
n2.00
[.079 in]
10.40
[.409 in]
1.80
[.071 in]
1.00
[.039 in]
3.00
[.118 in]
1
CONCAVE
2
3
L
1
2
34
a
b (+)
SPDT
CONTACT CONFIGURATION


Similar Part No. - XF0331P

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF03300S1M XFMRS-XF03300S1M Datasheet
39Kb / 1P
INDUCTORS
logo
E-SWITCH
XF0330P E-SWITCH-XF0330P Datasheet
196Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
logo
XFMRS Inc.
XF0333-00U2 XFMRS-XF0333-00U2 Datasheet
68Kb / 1P
COMMON MODE CHOKE
XF0333-ET20 XFMRS-XF0333-ET20 Datasheet
39Kb / 1P
LINE FILTER
XF0333H-ET24 XFMRS-XF0333H-ET24 Datasheet
40Kb / 1P
LINE FILTER
More results

Similar Description - XF0331P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com