Electronic Components Datasheet Search
  English  ▼

X  

XF0611P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0611P
Description  TERMINAL NUMBERS FOR REF ONLY.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0611P Datasheet(HTML) 1 Page - E-SWITCH

  XF0611P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
D16EER11
F040006
1
1
50-004-16 6VDC GREEN LED
F050416
1
2
50-001-02 CONCAVE GREEN
F050102
1
3
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
D16EER11HGRNGRN
2:1
11/3/2004
XF0611P
C
AR
1
1
PANEL MOUNTING
18.00
[.709 in]
28.5 .50
1.12 .02 in
[
]
10.80
[.425 in]
7.20
[.283 in]
3
1
2
L
1
2
3
4
a
b (+)
SPDT
CONTACT CONFIGURATION
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. MECHANICAL LIFE: 100,000 OPERATIONS
5. INSULATION RESISTANCE: 1,000 MILLI-OHM MIN.
6. OPERATING TEMP.: -25 C to 55 C
7. LED VOLTAGE: 6VDC GREEN
8.
DENOTES CRITICAL PARAMETER.
A
14453
RELEASED FOR PRODUCTION
11/3/04
AR
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00 -.00
.30
+
.630 -.000
.012
+
in
[
]
B
18029
Parts Description was 50-001-06
3/19/08
rc
C
22191
UPDATED NOTE #4
3/15/16
MJR


Similar Part No. - XF0611P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0610P E-SWITCH-XF0610P Datasheet
224Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
XF0612P E-SWITCH-XF0612P Datasheet
185Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0613P E-SWITCH-XF0613P Datasheet
239Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
XF0614P E-SWITCH-XF0614P Datasheet
240Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
XF0615P E-SWITCH-XF0615P Datasheet
239Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
More results

Similar Description - XF0611P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com