Electronic Components Datasheet Search
  English  ▼

X  

AOB20C60PL Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOB20C60PL
Description  600V,20A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB20C60PL Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOB20C60PL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=10V
I
D=10A
V
GS=10V
0
10
20
30
40
50
0
5
10
15
20
25
30
V
DS (Volts)
Figure 1: On-Region Characteristics
V
GS=5.5V
6V
6.5V
10V
7V
0.1
1
10
100
2
4
6
8
10
V
GS(Volts)
Figure 2: Transfer Characteristics
-55
°
C
V
DS=40V
25
°
C
125
°
C
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics
25
°
C
125
°
C
0.7
0.8
0.9
1
1.1
1.2
1.3
-100
-50
0
50
100
150
200
T
J (°C)
Figure 5: Break Down vs. Junction Temperature
Rev.2.0: January 2015
www.aosmd.com
Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com