Electronic Components Datasheet Search
  English  ▼

X  

AOD2C60 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD2C60
Description  600V,2A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD2C60 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD2C60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD2C60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD2C60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD2C60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD2C60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD2C60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Min
Typ
Max
Units
600
700
BVDSS
/∆TJ
0.59
V/
oC
1
10
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
3
4.5
5
V
RDS(ON)
2.7
3.3
gFS
1.8
S
VSD
0.81
1
V
IS
2
A
ISM
8
A
Ciss
304
pF
Coss
15
pF
Co(er)
15
pF
Co(tr)
22
pF
Crss
1
pF
Rg
6.8
Qg
5.1
10
nC
Qgs
2.3
nC
Qgd
1
nC
tD(on)
18
ns
tr
13
ns
tD(off)
21
ns
tf
16
ns
trr
224
ns
Qrr
1.3
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-On Rise Time
Turn-On DelayTime
Diode Forward Voltage
DYNAMIC PARAMETERS
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=2A,dI/dt=100A/µs,VDS=100V
Turn-Off DelayTime
Turn-Off Fall Time
VGS=10V, VDS=300V, ID=2A,
RG=25Ω
IF=2A,dI/dt=100A/µs,VDS=100V
V
Reverse Transfer Capacitance
VDS=5V, ID=250µA
Output Capacitance
Forward Transconductance
IS=1A,VGS=0V
VDS=40V, ID=1A
VGS=10V, ID=0.5A
VGS=0V, VDS=100V, f=1MHz
Maximum Body-Diode Continuous Current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
ID=250µA, VGS=0V, TJ=150°C
Breakdown Voltage Temperature
Coefficient
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=600V, VGS=0V
BVDSS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
Gate-Body leakage current
VGS=10V, VDS=480V, ID=2A
Total Gate Charge
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Gate resistance
f=1MHz
Static Drain-Source On-Resistance
Input Capacitance
µA
VDS=480V, TJ=125°C
Maximum Body-Diode Pulsed Current
C
Effective output capacitance, energy
related
I
Effective output capacitance, time
related
J
VGS=0V, VDS=100V, f=1MHz
VGS=0V, VDS=0 to 480V, f=1MHz
VDS=0V, VGS=±30V
A. The value of R qJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C in a TO252 package, using junction-to-case thermal resistance, and is more useful in
setting the upper dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C.
D. The R qJA is the sum of the thermal impedance from junction to case R qJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300 ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=150°C.
G.These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. L=60mH, IAS=1.7A, VDD=150V, RG=10 , Starting TJ=25°C.
I. Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS.
J. Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS.
Rev.1.0: December 2013
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com