Electronic Components Datasheet Search
  English  ▼

X  

PIC1F628 Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC1F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 146Page - Microchip Technology PIC1F628 Datasheet HTML 147Page - Microchip Technology PIC1F628 Datasheet HTML 148Page - Microchip Technology PIC1F628 Datasheet HTML 149Page - Microchip Technology PIC1F628 Datasheet HTML 150Page - Microchip Technology PIC1F628 Datasheet HTML 151Page - Microchip Technology PIC1F628 Datasheet HTML 152Page - Microchip Technology PIC1F628 Datasheet HTML 153Page - Microchip Technology PIC1F628 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 170 page
background image
PIC16F62X
DS40300C-page 148
Preliminary
 2003 Microchip Technology Inc.
FIGURE 18-10:
IPD VS VDD SLEEP MODE, ALL PERIPHERALS DISABLED
FIGURE 18-11:
∆lBOD VS VOH OVER TEMPERATURE (-40 to 125°C)
Note:
The graphs and tables provided in this section are for design guidance and are not tested.
IPD vs VDD
Sleep mode, all peripherals disabled
0.0
1.0
2.0
3.0
4.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Max (125C)
Max (85C)
Typ (25C)
Typical:
statistical mean @ 25°C
Maximum: mean + 3σ (-40°C to 125°C)
Minimum: mean – 3σ (-40°C to 125°C)
∆IBOR vs VOH over Temperature (-40 to 125 C)
0.060
0.070
0.080
0.090
0.100
0.110
0.120
2.02.5
3.03.5
4.04.5
5.05.5
VDD (V)
Max
Typ Reset (25C)
Max
Typ Sleep (25C)
Device in Sleep
Device in Reset
Indeterminate
Typical:
statistical mean @ 25°C
Maximum: mean + 3σ (-40°C to 125°C)
Minimum: mean – 3σ (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com