Electronic Components Datasheet Search
  English  ▼

X  

PIC1F628 Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC1F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 149Page - Microchip Technology PIC1F628 Datasheet HTML 150Page - Microchip Technology PIC1F628 Datasheet HTML 151Page - Microchip Technology PIC1F628 Datasheet HTML 152Page - Microchip Technology PIC1F628 Datasheet HTML 153Page - Microchip Technology PIC1F628 Datasheet HTML 154Page - Microchip Technology PIC1F628 Datasheet HTML 155Page - Microchip Technology PIC1F628 Datasheet HTML 156Page - Microchip Technology PIC1F628 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 151
PIC16F62X
FIGURE 18-16:
MINIMUM, TYPICAL and MAXIMUM WDT PERIOD VS VDD (-40
°C to +125°C)
FIGURE 18-17:
TYPICAL WDT PERIOD VS VDD (-40
°C to +125°C)
Note:
The graphs and tables provided in this section are for design guidance and are not tested.
Minimum, Typical and Maximum
WDT Period vs VDD (-40C to +125C)
0
5
10
15
20
25
30
35
40
45
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
PIC16LF228
Max 125C
Max 85C
Typ 25C
Min -40C
Typical:
statistical mean @ 25°C
Maximum: mean + 3σ (-40°C to 125°C)
Minimum: mean – 3σ (-40°C to 125°C)
Typical WDT Period
vs VDD (-40C to +125C)
0
5
10
15
20
25
30
35
40
45
2.02.5
3.03.5
4.04.5
5.05.5
VDD (V)
PIC16LF228
125 C
85 C
25 C
-40 C
Typical:
statistical mean @ 25°C
Maximum: mean + 3σ (-40°C to 125°C)
Minimum: mean – 3σ (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com