Electronic Components Datasheet Search
  English  ▼

X  

141-2MSM Datasheet(PDF) 2 Page - Mini-Circuits

Part # 141-2MSM
Description  Coaxial Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

141-2MSM Datasheet(HTML) 2 Page - Mini-Circuits

  141-2MSM Datasheet HTML 1Page - Mini-Circuits 141-2MSM Datasheet HTML 2Page - Mini-Circuits 141-2MSM Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50Ω
2M
DC to 18 GHz
Coaxial Cable
Rev. A
M151107
141-2MSM+
RS/SS/CP
161117
141-2MSM+
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
SMA-MALE
SMA-MALE
141-2MSM+
RETURN LOSS
0
10
20
30
40
50
60
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
SMA-MALE
SMA-MALE
141-2MSM+
100
0.25
45.1
42.6
1000
0.84
37.4
35.9
1800
1.12
34.4
36.1
2404
1.31
38.0
36.1
4001
1.75
32.8
34.5
5000
1.99
39.2
40.4
6000
2.20
38.9
47.9
7001
2.42
35.8
31.5
8001
2.62
30.0
32.6
9000
2.79
27.8
27.3
10000
2.93
24.6
41.8
12001
3.32
27.5
26.0
14001
3.70
24.7
24.8
17069
4.26
23.0
33.0
18000
4.40
30.0
29.9
Outline Dimensions (
)
inch
mm
CASE STYLE: KQ1506-78.7
Cable Construction
Center Conductor: Silver Plated Copper Clad Steel
Dialectric: Solid PTFE
Outer Shield: Copper braid, tin soaked
Jacket: FEP, Blue (Unjacketed cable also available
upon request)
Connectors: Coupling Nut: Stainless Steel Passivated
Body: Stainless Steel Gold Plated
Center Pin: Silver Plated Copper Clad Steel
Outline Drawing
A
B
C1
C2
D
78.7
.36
.315
.250
.36
2000
9.14
8.00
6.35
9.14
E1
E2
F
T
wt
.315
.250
.163
.79
grams
8.00
6.35
4.14
20.07
94.55
HAND
TM
Features
• Wideband frequency coverage, DC to 18 GHz
• Low Loss, 4.4 dB at 18 GHz
• Excellent Return Loss, 28 dB at 18 GHz
• Hand formable to almost any custom shape without
special bending tools
• 8mm bend radius for tight installations
• Anti-torque nut prevents cable stress during installation
• Insulated outer jacket standard1
•
Ideal for interconnect of assembled systems
Applications
• Replacement for custom bent 0.141" semi-rigid cables
• Communication receivers and transmitters
• Military and aerospace system
• Environmental and test chambers
Maximum Ratings
Operating Temperature
-55°C to 105°C
Storage Temperature
-55°C to 105°C
Power Handling at 25°C, 546W at 0.5 GHz
Sea Level
387W at
1 GHz
273W at
2 GHz
156W at
6 GHz
121W at 10 GHz
90W at 18 GHz
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Length1
2
Meters
Insertion Loss
DC - 2
—
0.81
1.34
dB
2 - 6
—
1.46
2.55
6 - 10
—
2.41
3.49
10 - 18
—
3.36
5.06
Return Loss
DC - 2
23
39
—
dB
2 - 6
23
37
—
6 - 10
17
35
—
10 - 18
17
27
—
Typical Performance Data
1. Custom sizes available, consult factory.
Connectors
Model
SMA-Male
141-2MSM+
Typical Bending Capability
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com