Electronic Components Datasheet Search
  English  ▼

X  

PL03 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PL03
Description  3mm (T1) LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL03 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PL03 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL03 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL03 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL03 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL03 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)..…………………...…………………………………………….……....5 .0V
Max Forward Current…………..………………..………………………………………….……30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)….……………………………………....100mA
Operating Temperature Range…………………………………………………….….-25°C to + 85°C
Storage Temperature Range..………….……………………………………………...-25°C to +100°C
Soldering Temperature (1.6mm below body)……………………………………………………...260° for 5 seconds
PL03 Series 3mm (T1) Flashing LED
Tel:
(719) 589 3122
Fax:
(719) 589 3592
www.p-tec.net
sales@p-tec.net
Features
*Standard, Bi-Color and
Low Current available
*High Light Output
*Flanged
*Available in Color, White
Diffused (WD), Color
Transparent (CT), and Water
Clear (WC)
*Available in PL301-03,PL312
PL309-03 Right Angle Holder
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting Color
Material
Peak
Wave
Length
View
Angle
2
θ ½
Forward
Voltage
@20mA
(V)
Luminous
Intensity
@20mA (mcd)
Color Diffused
(nm)
Deg
Typ Max
Min
Typ
PL03-CDRF12
PL03-CDRF21
PL03-CDGF13
PL03-CDYF01
PL03-CDOF12
Hi-Eff Red
Super Bright Red
Green
Yellow
Orange
GaAsP on GaP
GaAlAs on GaAs
GaP
GaAsP on GaP
GaAsP on GaP
635
660
567
585
635
78°
3.0
3.0
3.0
3.0
3.0
5.0
5.0
5.0
5.0
5.0
1.7
17.1
1.5
1.3
1.7
2.9
28.5
2.5
2.1
2.9
24.0Min.
3.0
4.1
5.1
0.5±0.5
1.0
1.5typ.
2.54±0.1
Anode
0.5 Square
All dimensions are in Millimeters. Tolerance is ±0.25 (Leads ±0.1) Unless otherwise specified. An epoxy meniscus may extend 1mm down the leads.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com