Electronic Components Datasheet Search
  English  ▼

X  

MCSO1FV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO1FV
Description  3.3V CMOS Oscillator with Low Jitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO1FV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO1FV Datasheet HTML 1Page - Golledge Electronics Ltd MCSO1FV Datasheet HTML 2Page - Golledge Electronics Ltd MCSO1FV Datasheet HTML 3Page - Golledge Electronics Ltd MCSO1FV Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO1FV 1/4
v1.0
MCSO1FV
MCSO1FV
3.3V CMOS Oscillator with Low Jitter
3.3V CMOS Oscillator with Low Jitter
Low jitter
Military temperature range -55+125°C option
Excellent shock & vibration resistance
Enable / disable tristate option (>500kHz)
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
see note below
Any
±100ppm
±50ppm
T
Operating temperature range
Any
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Enable / disable function
Any
None (pad 1 NC)
Tristate* (control via pad 1)
E
* not available under 500kHz
Terminations
Any
Gold plated pads
Tinned pads (Ag/Cu/Zn)
T
*


Similar Part No. - MCSO1FV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1FV GOLLEDGE-MCSO1FV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Low Jitter
logo
MICORO CRYSTAL SWITZERL...
MCSO1FV MICROCRYSTAL-MCSO1FV Datasheet
57Kb / 2P
Miniature SMD Clock-Oscillator
logo
Golledge Electronics Lt...
MCSO1FV/A GOLLEDGE-MCSO1FV/A Datasheet
60Kb / 1P
3.3V CMOS Oscillator Low Jitter
MCSO1FV/CE GOLLEDGE-MCSO1FV/CE Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
MCSO1FV/TBE GOLLEDGE-MCSO1FV/TBE Datasheet
60Kb / 1P
3.3V CMOS Oscillator Low Jitter
More results

Similar Description - MCSO1FV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1FV GOLLEDGE-MCSO1FV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Low Jitter
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
3.3V CMOS Oscillator Low Jitter
GXO-2201L GOLLEDGE-GXO-2201L Datasheet
590Kb / 5P
3.3V CMOS Oscillator with Low Jitter
GXO-2201J GOLLEDGE-GXO-2201J Datasheet
590Kb / 5P
2.5V CMOS Oscillator with Low Jitter
GXO-2201G GOLLEDGE-GXO-2201G Datasheet
590Kb / 5P
1.8V CMOS Oscillator with Low Jitter
MCSO1FZ GOLLEDGE-MCSO1FZ Datasheet
551Kb / 4P
1.8V CMOS Oscillator with Low Jitter
MCSO1FW GOLLEDGE-MCSO1FW Datasheet
552Kb / 4P
2.5V CMOS Oscillator with Low Jitter
MCSO1FHZ GOLLEDGE-MCSO1FHZ Datasheet
551Kb / 4P
1.8V CMOS Oscillator with Low Jitter
MCSO1FHW GOLLEDGE-MCSO1FHW Datasheet
551Kb / 4P
2.5V CMOS Oscillator with Low Jitter
MCSO1FHV GOLLEDGE-MCSO1FHV Datasheet
551Kb / 4P
3.3V CMOS Oscillator with Low Jitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com