Electronic Components Datasheet Search
  English  ▼

X  

X9319WS8Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X9319WS8Z
Description  Digitally Controlled Potentiometer (XDCP??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9319WS8Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9319WS8Z Datasheet HTML 1Page - Renesas Technology Corp X9319WS8Z Datasheet HTML 2Page - Renesas Technology Corp X9319WS8Z Datasheet HTML 3Page - Renesas Technology Corp X9319WS8Z Datasheet HTML 4Page - Renesas Technology Corp X9319WS8Z Datasheet HTML 5Page - Renesas Technology Corp X9319WS8Z Datasheet HTML 6Page - Renesas Technology Corp X9319WS8Z Datasheet HTML 7Page - Renesas Technology Corp X9319WS8Z Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
X9319
FN8185 Rev 3.00
Page 2 of 8
July 31, 2014
Pin Configuration
X9319
(8 LD SOIC)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
RTOTAL (kΩ)
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
X9319WS8Z
X9319W Z
10
0 to +70
8 Ld SOIC (150 mil)
M8.15E
X9319WS8IZ
X9319W ZI
-40 to +85
8 Ld SOIC (150 mil)
M8.15E
NOTES:
1. Add "T1" suffix for tape and reel.
2. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3.
For Moisture Sensitivity Level (MSL), please see product information page for X9319. For more information on MSL, please see tech brief TB363.
RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
VSS
CS
RL
RW
Pin Descriptions
SOIC
SYMBOL
BRIEF DESCRIPTION
1INC
Increment. Toggling INC while CS is low moves the wiper either up or down.
2U/D
Up/Down. The U/D input controls the direction of the wiper movement.
3RH
The high terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
4VSS
Ground.
5R
W
The wiper terminal is equivalent to the movable terminal of a mechanical potentiometer.
6
RL
The low terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
7CS
Chip Select. The device is selected when the CS input is LOW, and deselected when CS is high.
8VCC
Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com