Electronic Components Datasheet Search
  English  ▼

X  

IMX8MDQLQCEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX8MDQLQCEC
Description  i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MDQLQCEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX8MDQLQCEC Datasheet HTML 35Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 36Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 37Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 38Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 39Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 40Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 41Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 42Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
Electrical characteristics
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors Data Sheet for Consumer Products, Rev. 0.1, 05/2018
NXP Semiconductors
39
3.9.1.2
ECSPI Slave mode timing
Figure 10 depicts the timing of ECSPI in Slave mode. Table 39 lists the ECSPI Slave mode timing
characteristics.
Figure 10. ECSPI Slave mode timing diagram
Table 39. ECSPI Slave mode timing parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1 ECSPIx_SCLK Cycle Time–Read
ECSPI_SCLK Cycle Time–Write
tclk
15
43
—ns
CS2 ECSPIx_SCLK High or Low Time–Read
ECSPIx_SCLK High or Low Time–Write
tSW
7
21.5
—ns
CS4 ECSPIx_SS_B pulse width
tCSLH
Half ECSPIx_SCLK period
—
ns
CS5 ECSPIx_SS_B Lead Time (CS setup time)
tSCS
5—
ns
CS6 ECSPIx_SS_B Lag Time (CS hold time)
tHCS
5—
ns
CS7 ECSPIx_MOSI Setup Time
tSmosi
4—
ns
CS8 ECSPIx_MOSI Hold Time
tHmosi
4—
ns
CS9 ECSPIx_MISO Propagation Delay (CLOAD =20pF)
tPDmiso
419
ns
CS1
CS7
CS8
CS2
CS2
CS4
CS6
CS5
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MISO
ECSPIx_MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com