Electronic Components Datasheet Search
  English  ▼

X  

X9409 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9409
Description  Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9409 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9409 Datasheet HTML 1Page - Renesas Technology Corp X9409 Datasheet HTML 2Page - Renesas Technology Corp X9409 Datasheet HTML 3Page - Renesas Technology Corp X9409 Datasheet HTML 4Page - Renesas Technology Corp X9409 Datasheet HTML 5Page - Renesas Technology Corp X9409 Datasheet HTML 6Page - Renesas Technology Corp X9409 Datasheet HTML 7Page - Renesas Technology Corp X9409 Datasheet HTML 8Page - Renesas Technology Corp X9409 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN8192 Rev.6.00
Page 1 of 19
Sep 3, 2015
FN8192
Rev.6.00
Sep 3, 2015
X9409
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers
(XDCP)
DATASHEET
The X9409 integrates 4 digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated microcircuit.
The digitally controlled potentiometer is implemented using
63 resistive elements in a series array. Between each element
are tap points connected to the wiper terminal through
switches. The position of the wiper on the array is controlled by
the user through the 2-wire bus interface. Each potentiometer
has associated with it a volatile Wiper Counter Register (WCR)
and 4 nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor array
through the switches. Power-up recalls the contents of DR0 to
the WCR.
The XDCP can be used as a three-terminal potentiometer or as
a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments and
signal processing.
Features
• Four potentiometers per package
• 64 resistor taps
• 2-wire serial interface for write, read and transfer operations
of the potentiometer
•50Ω wiper resistance, typical at 5V
• Four nonvolatile data registers for each potentiometer
• Nonvolatile storage of multiple wiper position
• Power-on recall. Loads saved wiper position on power-up
standby current < 1µA typical
•System VCC: 2.7V operation
•10kΩ end-to-end resistance
• 100 year data retention
• Endurance: 100,000 data changes per bit per register
•Low power CMOS
• 24 Ld TSSOP
• Pb-free (RoHS compliant)
FIGURE 1. BLOCK DIAGRAM
INTERFACE
AND
CONTROL
CIRCUITRY
SCL
SDA
A0
A1
A2
A3
R0 R1
R2 R3
WIPER
COUNTER
REGISTER
(WCR)
RESISTOR
ARRAY
POT 1
VH1/
VL1/RL1
R0 R1
R2 R3
WIPER
COUNTER
REGISTER
(WCR)
VH0/RHO
DATA
8
VW0/
VW1/
R0 R1
R2 R3
RESISTOR
ARRAY
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
RESISTOR
ARRAY
VH3/RH3
VL3/RL3
VW3/RW3
WIPER
COUNTER
REGISTER
(WCR)
WIPER
COUNTER
REGISTER
(WCR)
Pot 3
POT 2
WP
RW1
RH1
RWO
VL0/
RLO
POT 0
VCC
VSS
OBSOLETE PRODUCT
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - X9409

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
Low Noise/Low Power/2-Wire Bus
October 19, 2005
X9409 INTERSIL-X9409 Datasheet
356Kb / 20P
Quad Digitally Controlled Potentiometers
October 12, 2006
X9409 INTERSIL-X9409 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9409 INTERSIL-X9409 Datasheet
425Kb / 19P
Low Noise/Low Power/2-Wire BusQuad Digitally Controlled Potentiometers (XDCP)
September 3, 2015
More results

Similar Description - X9409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
X9409WV24IZ INTERSIL-X9409WV24IZ Datasheet
425Kb / 19P
Low Noise/Low Power/2-Wire BusQuad Digitally Controlled Potentiometers (XDCP)
September 3, 2015
logo
Renesas Technology Corp
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90841 RENESAS-ISL90841 Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com