Electronic Components Datasheet Search
  English  ▼

X  

PR1501 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR1501
Description  Plastic Fast Recover Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR1501 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR1501 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR1501 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000
50
100
200
400
600
800
35
70
140
280
420
560
700
45
50
1.5
1.2
5.0
100
20
PR1501 ...... PR1507
塑封快恢复整流二极管
反向电压
50 --- 1000 V
正向电流
1.5 A
SIYU R
PR15
01/S
PR15
02/S
PR15
03/S
PR15
04/S
PR15
05/S
PR15
06/S
PR15
07/S
15
150
PR15
01/S
PR15
02/S
PR15
03/S
PR15
04/S
PR15
05/S
PR15
06/S
PR15
07/S
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
DIA
DIA
.034(0.9)
.028(0.7)
DO-15
Unit:inch(mm)
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
最大反向峰值电流
Maximum peak reverse current full cycle
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-50 --- +150
V
V
V
A
A
µA
℃
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
IR(AV)
特征
Features
·低的反向漏电流
Low reverse leakage
·较强的正向浪涌承受能力
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
250℃/10 秒, 0.375" (9.5mm)引线长度。
250℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据
Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
℃
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Plastic Fast Recover Rectifier
Reverse Voltage 50 to 1000V
Forward Current 1.5A
最大正向电压
最大反向电流
TA= 25℃
TA=100℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
µA
nS
pF
IR
trr
Cj
Maximum forward voltage
Maximum reverse current
Type junction capacitance
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 1.5A
1000
50
100
200
400
600
800
30
300
@TA = 75℃
RθJA
- 199 -
大昌电子
DACHANG ELECTRONICS


Similar Part No. - PR1501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1501 DIODES-PR1501 Datasheet
62Kb / 2P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. B1-2
PR1501 DIODES-PR1501 Datasheet
87Kb / 3P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
PR1501 BILIN-PR1501 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR1501 CTC-PR1501 Datasheet
51Kb / 2P
FAST RECOVERY RECTIFIERS (DO-41)
PR1501 CTC-PR1501 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIERS (DO-15)
More results

Similar Description - PR1501

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
RU4Z DACHANG-RU4Z_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
ERB4402 DACHANG-ERB4402_15 Datasheet
122Kb / 2P
Plastic fast Recover Rectifier
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
FR251 DACHANG-FR251_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com