Electronic Components Datasheet Search
  English  ▼

X  

PTCR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PTCR
Description  Surface Mounted Thermistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTCR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PTCR Datasheet HTML 1Page - List of Unclassifed Manufacturers PTCR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mounted
Thermistors
PTCR Series
• TCR’s up to +3500 ppm
• Custom designs available
• Solder terminations have a nickel barrier layer
• Resistance range 10 ohms to 800 ohms
• Tolerances down to 2%
• Available in 0805 and 1206 sizes
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 08.04
A subsidiary of
TT electronics plc
Welwyn Components
Commercial
PTCR 0805
PTCR 1206
Notes
Power rating at 70°C
watts
0.1
0.25
Resistance range
ohms
10R to 400R
10R to 800R
Limiting element voltage
volts
100
200
TCR -55°C to 155°C
ppm/°C
See table below
Resistance tolerance at 20°C
%
2, 5, 10
Ambient temperature range
°C
-55 to 155
Values
ohms
E24 & E96 preferred
Any value to order
Thermal impedance
°C/watt
360
200
For 10 devices
mounted on a
50 x 25mm p.c.b. area
37
Variation of TCR within Value Range
Value range (ohms)
TCR (ppm/°C)
10 to <25
3500 ± 10%
25 to <50
3100 ± 10%
50 to <100
2900 ± 10%
10 to <200
2700 ± 15%
200 to <400
2400 ± 15%
400 to <800
2200 ± 15%
Physical Data
10000
1000
100
10
1
-55
-15
25
65
105
145
Temperature
°C
10R
800R
Dimensions (mm) and weight (g)
Style
L
W
T max
A
B*
Wt nom
0805
2.0 ± 0.3 1.25 ± 0.2
0.6
0.3 ± 0.15
0.9 min
0.009
1206
3.2 ± 0.4
1.6 ± 0.2
0.7
0.4 ± 0.2
1.7 min
0.0090
*This dimension determines the number of conductors which may pass under the surface mounted device.
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
PTCR_C.qxd
8/9/04
4:00 PM
Page 1


Similar Part No. - PTCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PTCR WELWYN-PTCR Datasheet
104Kb / 2P
Surface Mounted Thermistors
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
custom designs available
logo
Welwyn Components Limit...
PTCR1206400RF WELWYN-PTCR1206400RF Datasheet
104Kb / 2P
Surface Mounted Thermistors
PTCR1206400RG WELWYN-PTCR1206400RG Datasheet
104Kb / 2P
Surface Mounted Thermistors
PTCR1206400RJ WELWYN-PTCR1206400RJ Datasheet
104Kb / 2P
Surface Mounted Thermistors
More results

Similar Description - PTCR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226151 VISHAY-23226151 Datasheet
114Kb / 11P
Surface Mount, NTC Thermistors
10-Oct-03
23226152 VISHAY-23226152 Datasheet
83Kb / 5P
Surface Mount, NTC Thermistors
10-Oct-03
23226153 VISHAY-23226153 Datasheet
114Kb / 11P
Surface Mount, NTC Thermistors
10-Oct-03
232261545472 VISHAY-232261545472 Datasheet
137Kb / 10P
Surface Mount, NTC Thermistors
16-Jan-04
232261554222 VISHAY-232261554222 Datasheet
115Kb / 11P
Surface Mount, NTC Thermistors
10-Oct-03
logo
NIC-Components Corp.
NCT NIC-NCT Datasheet
39Kb / 2P
Surface Mount NTC Thermistors
logo
Welwyn Components Limit...
CR0503 WELWYN-CR0503 Datasheet
165Kb / 3P
Surface Mounted Resistors
PTCR WELWYN-PTCR Datasheet
104Kb / 2P
Surface Mounted Thermistors
logo
NIC-Components Corp.
NST NIC-NST Datasheet
154Kb / 5P
Surface Mount NTC Thermistors
logo
TT Electronics.
CR0503 TTELEC-CR0503 Datasheet
441Kb / 3P
Surface Mounted Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com