Electronic Components Datasheet Search
  English  ▼

X  

PZ3064 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZ3064
Description  64 macrocell CPLD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3064 Datasheet(HTML) 2 Page - NXP Semiconductors

  PZ3064 Datasheet HTML 1Page - NXP Semiconductors PZ3064 Datasheet HTML 2Page - NXP Semiconductors PZ3064 Datasheet HTML 3Page - NXP Semiconductors PZ3064 Datasheet HTML 4Page - NXP Semiconductors PZ3064 Datasheet HTML 5Page - NXP Semiconductors PZ3064 Datasheet HTML 6Page - NXP Semiconductors PZ3064 Datasheet HTML 7Page - NXP Semiconductors PZ3064 Datasheet HTML 8Page - NXP Semiconductors PZ3064 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
Product specification
PZ3064
64 macrocell CPLD
82
1997 Mar 05
853–1891 17824
FEATURES
• Industry’s first TotalCMOS™ PLD – both CMOS design and
process technologies
• Fast Zero Power (FZP™) design technique provides ultra-low
power and very high speed
• High speed pin-to-pin delays of 10ns
• Ultra-low static power of less than 50µA
• Dynamic power that is 70% lower at 50MHz than competing
devices
• 100% routable with 100% utilization while all pins and all
macrocells are fixed
• Deterministic timing model that is extremely simple to use
• 4 clocks with programmable polarity at every macrocell
• Support for complex asynchronous clocking
• Innovative XPLA™ architecture combines high speed with
extreme flexibility
• 1000 erase/program cycles guaranteed
• 20 years data retention guaranteed
• Logic expandable to 37 product terms
• PCI compliant
• Advanced 0.5µ E2CMOS process
• Security bit prevents unauthorized access
• Design entry and verification using industry standard and Philips
CAE tools
• Reprogrammable using industry standard device programmers
• Innovative Control Term structure provides either sum terms or
product terms in each logic block for:
– Programmable 3-State buffer
– Asynchronous macrocell register preset/reset
• Programmable global 3-State pin facilitates ‘bed of nails’ testing
without using logic resources
• Available in PLCC, TQFP, and PQFP packages
• Available in both Commercial and Industrial grades
Table 1. PZ3064 Features
PZ3064
Usable gates
2000
Maximum inputs
68
Maximum I/Os
64
Number of macrocells
64
Propagation delay (ns)
10
Packages
44-pin PLCC, 44-pin TQFP,
68-pin PLCC, 84-pin PLCC,
100-pin PQFP
DESCRIPTION
The PZ3064 CPLD (Complex Programmable Logic Device) is the
second in a family of Fast Zero Power (FZP
™) CPLDs from Philips
Semiconductors. These devices combine high speed and zero
power in a 64 macrocell CPLD. With the FZP
™ design technique,
the PZ3064 offers true pin-to-pin speeds of 10ns, while
simultaneously delivering power that is less than 50
µA at standby
without the need for ‘turbo bits’ or other power down schemes. By
replacing conventional sense amplifier methods for implementing
product terms (a technique that has been used in PLDs since the
bipolar era) with a cascaded chain of pure CMOS gates, the
dynamic power is also substantially lower than any competing CPLD
– 70% lower at 50MHz. These devices are the first TotalCMOS
™
PLDs, as they use both a CMOS process technology and the
patented full CMOS FZP
™ design technique. For 5V applications,
Philips also offers the high speed PZ5064 CPLD that offers these
features in a full 5V implementation.
The Philips FZP
™ CPLDs introduce the new patent-pending XPLA™
(eXtended Programmable Logic Array) architecture. The XPLA
™
architecture combines the best features of both PLA and PAL
™ type
structures to deliver high speed and flexible logic allocation that
results in superior ability to make design changes with fixed pinouts.
The XPLA
™ structure in each logic block provides a fast 10ns PAL™
path with 5 dedicated product terms per output. This PAL
™ path is
joined by an additional PLA structure that deploys a pool of 32
product terms to a fully programmable OR array that can allocate
the PLA product terms to any output in the logic block. This
combination allows logic to be allocated efficiently throughout the
logic block and supports as many as 37 product terms on an output.
The speed with which logic is allocated from the PLA array to an
output is only 2.5ns, regardless of the number of PLA product terms
used, which results in worst case tPD’s of only 12.5ns from any pin
to any other pin. In addition, logic that is common to multiple outputs
can be placed on a single PLA product term and shared across
multiple outputs via the OR array, effectively increasing design
density.
The PZ3064 CPLDs are supported by industry standard CAE tools
(Cadence, Mentor, Synopsys, Synario, Viewlogic, MINC), using text
(Abel, VHDL, Verilog) and/or schematic entry. Design verification
uses industry standard simulators for functional and timing
simulation. Development is supported on personal computer, Sparc,
and HP platforms. Device fitting uses either Minc or Philips
Semiconductors-developed tools.
The PZ3064 CPLD is reprogrammable using industry standard
device programmers from vendors such as Data I/O, BP
Microsystems, SMS, and others.
PAL is a registered trademark of Advanced Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com