Electronic Components Datasheet Search
  English  ▼

X  

PTCR1206 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PTCR1206
Description  Surface Mounted Thermistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTCR1206 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PTCR1206 Datasheet HTML 1Page - List of Unclassifed Manufacturers PTCR1206 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum
Typical
Load at rated power: 1000 hours at 70°C
∆R%
5
1
Shelf life: 12 months at room temperature
∆R%
3
0.5
Derating from rated power at 70°C
Zero at 155°C
Dry heat: 1000 hours at 155°C
∆R%
2.5
1
Climatic category
55 / 155 / 56
Long term damp heat
∆R%
3
1
Temperature rapid change
∆R%
2
0.5
Resistance to solder heat
∆R%
2
0.5
Voltage proof
volts
500
Surface Mounted
Thermistors
PTCR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 08.04
Welwyn Components
38
Performance Data
Operating Temperature Range
The chips themselves can operate at a maximum
temperature of 155°C (see performance claims above). For
soldered chips, the joint temperature should not exceed
110°C. This condition is met when the stated power levels
at 70°C are used.
Mounting
This chips resistor is ideally suited for handling by
automatic methods due to its rectangular shape and small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by flow
or reflow soldering of wraparound terminations. The
terminations provide good ‘leach’ properties and ensure
reliable contact. Due to the robust construction the resistor
chip can be immersed in a solder bath for 10 seconds at
260°C. This enables the resistor to be mounted on one
side of a printed circuit board and wire-leaded components
on the other side.
Construction
Thick film resistor material, overglaze and organic protection
are screen printed on a 96% alumina substrate.
Terminations
Wrap-around terminations are suitable for soldering.
Solderability
Wrap-around terminations have an electroplated nickel barrier
and solder coating. This ensures excellent leach resistance
properties and solderability. They will withstand immersion in
solder at 260°C for 10 seconds.
Marking
All relevant information recorded on the primary package or
reel.
Solvent Resistance
The chips are resistant to all normal industrial cleaning fluids
suitable for printed circuits.
Packing
As standard 3000 chips are supplied taped and reeled on
8mm tape to IEC 286-3.
Application Notes
Type
1206
400R
G
Resistance value
(IEC62 code)
Tolerance
(IEC62 code)
Specify type reference, value and tolerance as shown in
this example of PTCR1206 400R 2%:
Ordering Procedure
F1%
G2%
J5%
PTCR_C.qxd
8/9/04
4:00 PM
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com