Electronic Components Datasheet Search
  English  ▼

X  

QPI-4L Datasheet(PDF) 4 Page - Vicor Corporation

Part # QPI-4L
Description  7 Amp Active EMI Filter for 48 V DC Bus
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-4L Datasheet(HTML) 4 Page - Vicor Corporation

  QPI-4L Datasheet HTML 1Page - Vicor Corporation QPI-4L Datasheet HTML 2Page - Vicor Corporation QPI-4L Datasheet HTML 3Page - Vicor Corporation QPI-4L Datasheet HTML 4Page - Vicor Corporation QPI-4L Datasheet HTML 5Page - Vicor Corporation QPI-4L Datasheet HTML 6Page - Vicor Corporation QPI-4L Datasheet HTML 7Page - Vicor Corporation QPI-4L Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-4L Data Sheet Rev. 3.0 Page 4 of 8
Figure 6 – Recommended schematic for QPI. Values of CIN and C1-C4 should be the values recommended by the converter manufacturer.
If the manufacturer does not specify a value for the Y-capacitors use 4.7nF. Ry=10Ω, 1/4 W.
BUS+
QPI+
BUS-
QPI-
BUS
SUPPLY
QPI
VIN+
VOUT+
VIN-VOUT-
SHIELD
CONVERTER
Optional Connection
C1
C2
C3
C4
RY
PCB plane under converter
CIN
CB
47µF
QPIs will filter multiple DC-DC converters up to the
maximum current rating. The schematic in Figure 7
shows the required circuit for multiple DC-DC
converters. The Shield Plane should be added under
each converter as a common EMI Shield. Note that only
a single RY is required in a multiple converter
configuration.
If higher attenuation is required, QPIs can be
connected in series. Figure 8 shows the proper
schematic for QPIs in series. Note that only one RY is
required in this configuration.
The QPI can also be used to filter embedded or “down”
converters made up of discrete components. Where
ever possible a Shield Plane and Y-capacitor decoupling
should be included in the embedded converter design.
Follow the circuit and layout recommendations for a
brick converter shown in Figures 7, 9 & 10.
Thermal Considerations
The current derating curve shown in Figure 5 should be
used when the PCB temperature in close proximity of
the QPI-4 exceeds 60°C. For example, the QPI-4 will
support up to 6.5 A of current or 312 W from a 48 Vdc
bus at an 80°C interface temperature. Temperature
should be measured at the PCB interface to the QPI-4
on the Bus +/- pads or the QPI+/- pads. Refer to Figures
9, 10 & 12 for PCB layout recommendation.
010
20
30
4050
6070
80
90
100
PCB to QPI Interface Temperature (Deg. C)
8
6
4
2
0
Figure 5 – QPI-4 current derating curve.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com