Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16-2.7 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X9420WS16-2.7
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16-2.7 Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9420WS16-2.7 Datasheet HTML 1Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 2Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 3Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 4Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 5Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 6Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 7Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 8Page - Renesas Technology Corp X9420WS16-2.7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 5 of 19
April 26, 2006
Figure 1. Detailed Potentiometer Block Diagram
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW to
HIGH after a complete write sequence is received by the
device. The progress of this internal write operation can
be monitored by a Write In Process bit (WIP). The WIP bit
is read with a Read Status command.
INSTRUCTIONS
Address/Identification (ID) Byte
The first byte sent to the X9420 from the host, following
a CS going HIGH to LOW, is called the Address or
Identification byte. The most significant four bits of the
slave address are a device type identifier, for the X9420
this is fixed as 0101[B] (refer to Figure 2).
The least significant bit in the ID byte selects one of two
devices on the bus. The physical device address is
defined by the state of the A0 input pin. The X9420
compares the serial data stream with the address input
state; a successful compare of the address bit is
required for the X9420 to successfully continue the
command sequence. The A0 input can be actively driven
by a CMOS input signal or tied to VCC or VSS.
The remaining three bits in the ID byte must be set to 110.
Figure 2. Address/Identification Byte Format
Instruction Byte
The next byte sent to the X9420 contains the instruction
and register pointer information. The four most
significant bits are the instruction. The next two bits point
to one of four data registers. The format is shown below
in Figure 3.
Figure 3. Instruction Byte Format
The four high order bits of the instruction byte specify the
operation. The next two bits (R1 and R0) select one of
the four registers that is to be acted upon when a
register oriented instruction is issued. The last two bits
are defined as 0.
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
REGISTER 2
REGISTER 3
Serial
Bus
Input
Parallel
Bus
Input
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCK
UP/DN
VH
VL
VW
8
6
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN VW = VL
IF WCR = 3F[H] THEN VW = VH
Wiper
(WCR)
1
00
11
0A0
Device Type
Identifier
Device Address
1
I1
I2
I3
I0
R1
R0
0
0
Register
Select
Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com