Electronic Components Datasheet Search
  English  ▼

X  

X9429 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9429
Description  Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9429 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9429 Datasheet HTML 1Page - Renesas Technology Corp X9429 Datasheet HTML 2Page - Renesas Technology Corp X9429 Datasheet HTML 3Page - Renesas Technology Corp X9429 Datasheet HTML 4Page - Renesas Technology Corp X9429 Datasheet HTML 5Page - Renesas Technology Corp X9429 Datasheet HTML 6Page - Renesas Technology Corp X9429 Datasheet HTML 7Page - Renesas Technology Corp X9429 Datasheet HTML 8Page - Renesas Technology Corp X9429 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN8248 Rev 4.00
Page 1 of 21
October 16, 2015
FN8248
Rev 4.00
October 16, 2015
X9429
Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer
(XDCP™)
DATASHEET
The X9429 integrates a single digitally controlled
potentiometer (XDCP) on a monolithic CMOS integrated
circuit.
The digital controlled potentiometer is implemented using 63
resistive elements in a series array. Between each element
are tap points connected to the wiper terminal through
switches. The position of the wiper on the array is controlled
by the user through the 2-wire bus interface. The
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and a four non-volatile Data Registers that
can be directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the resistor
array though the switches. Power-up recalls the contents of
the default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Single Voltage Potentiometer
• 64 Resistor Taps
• 2-wire Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Wiper Resistance, 150W Typical at 5V
• Non-Volatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on Power-up.
• Standby Current < 3µA Max
•VCC : 2.7V to 5.5V Operation
• 2.5kW, 10kW Total Pot Resistance
• Endurance: 100,000 Data Changes per Bit per Register
• 100 yr. Data Retention
• 14 Ld TSSOP, 16 Ld SOIC
• Low Power CMOS
• Pb-free available (RoHS compliant)
Block Diagram
VH/RH
VL/RL
VW/RW
POT
VCC
VSS
2-WIRE
BUS
ADDRESS
DATA
STATUS
WRITE
READ
WIPER
64-TAPS
TRANSFER
10k
INC/DEC
CONTROL
INTERFACE
BUS
INTERFACE
CONTROL
POWER-ON RECALL
WIPER COUNTER
REGISTER (WCR)
DATA REGISTERS
4 BYTES
AND


Similar Part No. - X9429

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429 INTERSIL-X9429 Datasheet
367Kb / 21P
Single Digitally Controlled Potentiometer
October 19, 2005
X9429 INTERSIL-X9429 Datasheet
323Kb / 20P
Single Digitally Controlled Potentiometer(XDCP??
October 13, 2008
X9429 INTERSIL-X9429 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9429 INTERSIL-X9429 Datasheet
320Kb / 20P
Single Digitally Controlled Potentiometer
October 13, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
367Kb / 21P
Single Digitally Controlled Potentiometer
October 19, 2005
More results

Similar Description - X9429

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9420 RENESAS-X9420 Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9421 RENESAS-X9421 Datasheet
805Kb / 20P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com