Electronic Components Datasheet Search
  English  ▼

X  

XF0760P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0760P
Description  TERMINAL NUMBERS FOR REF ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0760P Datasheet(HTML) 1 Page - E-SWITCH

  XF0760P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
D16OAT230WHT
1.5:1
8/4/2008
XF0760P
A
BLR
1
1
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
D16OAT23
F040054
1
1
BUTTON ASSY: FLAT TOP, OPAQUE,
WHITE, RECTANGLE
F052215
1
2
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. RATING: 5A @250VAC
8A @125VAC
6A @24VDC
5. ELECTRICAL LIFE: >50,000 CYCLES
6. TRAVEL: 3.0MM
7. PANEL THICKNESS: 0.5 - 5 mm
8. SEALED TO IP40.
9. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
10. OPERATING TEMP.: -25°C to 70°C
11. LAMP VOLTAGE: NONE
12.
DENOTES CRITICAL PARAMETER.
13. PACKAGE: 20 PIECES PER BOX
14. 2002/95/EC (ROHS) COMPLIANT
A
18196
RELEASED FOR PRODUCTION
8/4/08
BLR
(NO LAMP)
X
24.00
[.945 in]
MIN.
18.00
[.709 in]
MIN.
10.40
[.409 in]
n2.00
[.079 in]
16.00
n
- .00
.30
+
.630 - .000
.012
+
in
[
]
L
1
3
1
3
1
3
a
2
4
2
4
2
4
b (+)
3PDT
CONTACT CONFIGURATION
1
2
43.98
[1.731 in]
2.50
[.098 in]
10.20
[.402 in]
10.80
[.425 in]
24.00
[.945 in]
18.00
[.709 in]


Similar Part No. - XF0760P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0761P E-SWITCH-XF0761P Datasheet
116Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
logo
XFMRS Inc.
XF0763-VCS XFMRS-XF0763-VCS Datasheet
40Kb / 1P
CURRENT SENSE TRANSFORMER
logo
E-SWITCH
XF0765P E-SWITCH-XF0765P Datasheet
130Kb / 1P
All Dimension In MM
logo
XFMRS Inc.
XF0766-VO XFMRS-XF0766-VO Datasheet
30Kb / 1P
TORODIAL FILTER INDUCTOR
logo
E-SWITCH
XF0766P E-SWITCH-XF0766P Datasheet
135Kb / 1P
All Dimension In MM
More results

Similar Description - XF0760P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com