Electronic Components Datasheet Search
  English  ▼

X  

XF0816P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0816P
Description  TERMINAL NUMBERS FOR REF ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0816P Datasheet(HTML) 1 Page - E-SWITCH

  XF0816P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
D16EES12JGRNGRN
1.5:1
3/17/2010
XF0816P
A
BLR
1
1
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
D16EES12
F040020
1
1
50-004-19 12V GREEN LED
F050419
1
2
50-003-02 TRANSPARENT GREEN SQUARE
(CONCAVE) LENS
F050302
1
3
PANEL MOUNTING
36.20 `.50
1.425 `.020 in
[
]
7.20
[.283 in]
1
A
18816
Release For Production
3/17/10
BLR
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 - .000
.012
+
in
[
]
3
2
10.40
[.409 in]
L
1
2
3
4
a
b (+)
SPST
CONTACT CONFIGURATION
18.00
[.709 in]
18.00
[.709 in]
GREEN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT RATING: 5A@ 250VAC
8A@ 125VAC
6A@ 24VDC
5. MECHANICAL LIFE: 2,000,000 OPERATIONS
6. ELECTRICAL LIFE: 50,000 OPERATIONS
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. OPERATING TEMP.: -25°C to 55°C
9. LAMP VOLTAGE: 12VDC RED LED
10.
DENOTES CRITICAL PARAMETER.
11. DEGREE OF PROTECTION: IP 40
12. MOUNTING PANEL: 0.5 - 5.0 mm THICK
13. PACKAGE: BOX/20 PCS
14. 2002/95/EC (ROHS) COMPLIANT


Similar Part No. - XF0816P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0810P E-SWITCH-XF0810P Datasheet
136Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0813P E-SWITCH-XF0813P Datasheet
136Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0814P E-SWITCH-XF0814P Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0815P E-SWITCH-XF0815P Datasheet
199Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0817P E-SWITCH-XF0817P Datasheet
118Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - XF0816P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com