Electronic Components Datasheet Search
  English  ▼

X  

X60003 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X60003
Description  Precision SOT-23 FGA??Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X60003 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X60003 Datasheet HTML 1Page - Renesas Technology Corp X60003 Datasheet HTML 2Page - Renesas Technology Corp X60003 Datasheet HTML 3Page - Renesas Technology Corp X60003 Datasheet HTML 4Page - Renesas Technology Corp X60003 Datasheet HTML 5Page - Renesas Technology Corp X60003 Datasheet HTML 6Page - Renesas Technology Corp X60003 Datasheet HTML 7Page - Renesas Technology Corp X60003 Datasheet HTML 8Page - Renesas Technology Corp X60003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN8137 Rev 5.00
Page 1 of 17
September 1, 2015
FN8137
Rev 5.00
September 1, 2015
X60003
Precision SOT-23 FGA™ Voltage References
DATASHEET
The X60003 FGA™ voltage references is a very high precision
analog voltage reference fabricated in Intersil’s proprietary
Floating Gate Analog technology, which achieves superior
levels of performance when compared to conventional band
gap, buried zener, or XFET™ technologies.
FGA™ voltage references feature very high initial accuracy,
very low temperature coefficient, excellent long term stability,
low noise and excellent line and load regulation, at the lowest
power consumption currently available. These voltage
references enable advanced applications for precision
industrial and portable systems operating at significantly
higher accuracy and lower power levels than can be achieved
with conventional technologies.
Applications
• High resolution A/Ds and D/As
• Digital meters
• Calibration systems
•V-F converters
• Precision current sources
•Precision regulators
• Precision oscillators
•Smart sensors
• Strain gage bridges
• Threshold detectors
• Battery management systems
• Servo systems
Features
• Reference output voltage . . . . . . . . . . . . . . . . 4.096V, 5.000V
• Initial accuracy . . . . . . . . . . . . . . . . . . . . . . . ±1.0mV (B grade)
• Ultra low power supply current. . . . . . . . . . . . . . . . . . . . 500nA
• Low temperature coefficient (B grade) . . . . . . . . . 10ppm/°C
• 10mA source and sink current capability
• Very low dropout voltage. . . . . . . . . . . . . . 100mV at No Load
• Input voltage range
- X60003-41 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 9.0V
- X60003-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.1V to 9.0V
• 5kV ESD (human body model)
• Standard package . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Temp range. . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Related Literature
• See AN1494, “Reflow and PC Board Assembly Effects on
Intersil FGA References”
• See AN1533, “X-Ray Effects on Intersil FGA References”
FIGURE 1. IIN vs VIN (3 UNITS)
200
300
400
500
600
700
800
4.0
5.0
6.0
7.0
8.0
9.0
VIN (V)
HIGH
TYP
LOW


Similar Part No. - X60003

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003 INTERSIL-X60003 Datasheet
631Kb / 16P
Precision SOT-23 FGA™ Voltage References
September 1, 2015
X60003-EVALZ INTERSIL-X60003-EVALZ Datasheet
631Kb / 16P
Precision SOT-23 FGA™ Voltage References
September 1, 2015
X60003B INTERSIL-X60003B Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
Precision 4.096V SOT-23 FGA Voltage References
March 15, 2005
X60003B-41 INTERSIL-X60003B-41 Datasheet
210Kb / 11P
Precision 4.096V SOT-23 FGA??Voltage References
May 2, 2006
More results

Similar Description - X60003

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
Precision 4.096V SOT-23 FGA Voltage References
March 15, 2005
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
Precision 5.0V SOT-23 FGA Voltage Reference
March 15, 2005
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
Precision 4.096V SOT-23 FGA??Voltage References
May 2, 2006
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
Precision Low Power FGA??Voltage References
June 4, 2007
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
Precision, Low Noise FGA Voltage References
May 4, 2009
X60003 INTERSIL-X60003 Datasheet
631Kb / 16P
Precision SOT-23 FGA™ Voltage References
September 1, 2015
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com