Electronic Components Datasheet Search
  English  ▼

X  

FDC6325L Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDC6325L
Description  Integrated Load Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDC6325L Datasheet(HTML) 3 Page - ON Semiconductor

  FDC6325L Datasheet HTML 1Page - ON Semiconductor FDC6325L Datasheet HTML 2Page - ON Semiconductor FDC6325L Datasheet HTML 3Page - ON Semiconductor FDC6325L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.onsemi.com
3
Typical Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
,(A)
T = 125°C
A
L
T =25°C
A
V
= 5V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
,(A)
T = 125°C
A
L
T =25°C
A
V
=3.3V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0.6
V
,(V)
IN
T = 25°C
A
T =125°C
A
I
= 1A
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
L
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
,(A)
T = 125°C
A
L
T =25°C
A
V
=2.5V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
0.00001
0.0001
0.001
0.01
0.1
1
10
100
300
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= See Note 2
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 5. Transient Thermal Response Curve.
Thermal characterization performed on the conditions described in Note 2.
Transient thermal response will change depends on the circuit board design
.
Figure 1. Conduction Voltage Drop
Variation with Load Current.
Figure 2. Conduction Voltage Drop
Variation with Load Current.
Figure 4. On-Resistance Variation
with Input Voltage.
Figure 3. Conduction Voltage Drop
Variation with Load Current.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com