Electronic Components Datasheet Search
  English  ▼

X  

FDC6329L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDC6329L
Description  Integrated Load Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDC6329L Datasheet(HTML) 2 Page - ON Semiconductor

  FDC6329L Datasheet HTML 1Page - ON Semiconductor FDC6329L Datasheet HTML 2Page - ON Semiconductor FDC6329L Datasheet HTML 3Page - ON Semiconductor FDC6329L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
I
FL
Forward Leakage Current
V
IN = 8 V, VON/OFF = 0 V
1
µA
ON CHARACTERISTICS (Note 3)
V
DROP
Conduction Voltage
V
IN = 5 V, VON/OFF = 3.3 V, IL = 2.8 A
0.12
0.2
V
V
IN = 2.5 V, VON/OFF = 3.3 V, IL = 1.9 A
0.14
0.2
R
(ON)
Q
2 - Static On-Resistance
V
GS = -5 V, ID = -2.5 A
0.047
0.07
Ω
V
GS = -2.5 V, ID = -2.0 A
0.073
0.105
I
L
Load Current
V
DROP = 0.2 V, VIN = 5 V, VON/OFF = 3.3 V
2.8
A
V
DROP = 0.2 V, VIN = 2.5V, VON/OFF = 3.3 V
1.9
Notes:
1. Range of V
in can be up to 8V, but R1 and R2 must be scaled such that VGS of Q2 does not exceed -8V.
2.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6329L Load Switch Application
External Component Recommendation:
For applications where Co
≤ 1µF.
For slew rate control, select R2 in the range of 1k - 4.7k
Ω .
For additional in-rush current control, C1
≤ 1000pF can be added.
Select R1 so that the R1/R2 ratio ranges from 10 - 100. R1 is required to turn Q2 off.
www.onsemi.com
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com